Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4094 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC4094
Description  MICROWAVE LOW NOISE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4094 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC4094 Datasheet HTML 1Page - California Eastern Labs 2SC4094 Datasheet HTML 2Page - California Eastern Labs 2SC4094 Datasheet HTML 3Page - California Eastern Labs 2SC4094 Datasheet HTML 4Page - California Eastern Labs 2SC4094 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NE68139 / 2SC4094
TYPICAL CHARACTERISTICS (TA = 25 C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
100
0
50
100
150
TA-Ambient Temperature-°C
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC-Collector Current-mA
GAIN BANDWIDTH PRODUT vs.
COLLECTOR CURRENT
0.5
1
5
10
50
3
2
5 7 10
20
30
1
MAXIMUM AVAILABLE GAIN,INSERTION
GAIN vs. FREQUENCY
IC-Collector Current-mA
f-Frequency-GHz
INSERTION GAIN vs.
COLLECTOR CURRENT
VCB-Collector to Base Voltage-V
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
2.0
1.0
0.1
0.2
0.3
0.5
0.7
1
2
3
5
7
10
20
1
2
5
10
20
40
IC-Collector Current-mA
MAG
|S21e|2
f = 1.0 GHz
VCE = 8 V
f = 1.0 GHz
VCE=8 V
IC=20 mA
0.1
0.2
0.5
1.0
2.0
VCE=8V
VCE = 8 V
30
10
7
5
3
2
20
30
20
10
0
20
10
0
200
100
10
20
50
Free air



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com