Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4094 Datasheet(PDF) 4 Page - California Eastern Labs

Part # 2SC4094
Description  MICROWAVE LOW NOISE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4094 Datasheet(HTML) 4 Page - California Eastern Labs

  2SC4094 Datasheet HTML 1Page - California Eastern Labs 2SC4094 Datasheet HTML 2Page - California Eastern Labs 2SC4094 Datasheet HTML 3Page - California Eastern Labs 2SC4094 Datasheet HTML 4Page - California Eastern Labs 2SC4094 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
S-PARAMETER
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
( R––––Z
O
)
ENT
20
S11e, S22e-FREQUENCY
S21e-FREQUENCY
90°
0°
30°
−
30°
60°
−
60°
180°
150°
−
150°
120°
−
120°
−
90°
4
0
8
12
16 20
S21e
2GHz
90°
0°
30°
−
30°
60°
−
60°
180°
150°
−
150°
120°
−
120°
−
90°
0.04
0
0.08 0.12 0.16 0.2
S12e
CONDITION VCE = 8 V, IC = 20/5 mA, freq. = 0.2 to 2 GHz (Step 200 MHz)
CONDITION VCE = 8 V
IC = 20/5 mA
freq. = 0.2 to 2 GHz (Step 200 MHz)
S12e-FREQUENCY
CONDITION VCE = 8 V
IC = 20/5 mA
freq. = 0.2 to 2 GHz (Step 200 MHz)
0.2 GHz
0.2 GHz
2 GHz
2 GHz
IC = 5 mA
IC = 5 mA
IC = 20 mA
IC = 20 mA
IC = 5 mA
IC = 5 mA
S11e
S22e
IC = 20 mA
IC = 20 mA
0.2 GHz
0.2 GHz
2GHz
NE68139 / 2SC4094



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com