Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4228 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC4228
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4228 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC4228 Datasheet HTML 1Page - California Eastern Labs 2SC4228 Datasheet HTML 2Page - California Eastern Labs 2SC4228 Datasheet HTML 3Page - California Eastern Labs 2SC4228 Datasheet HTML 4Page - California Eastern Labs 2SC4228 Datasheet HTML 5Page - California Eastern Labs 2SC4228 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet PU10452EJ01V0DS
2
NE68030 / 2SC4228
ELECTRICAL CHARACTERISTICS (TA = +25°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
s
ci
ts
ir
e
tc
a
r
a
h
C
C
D
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0 mA
−
−
1.0
μ
A
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
−
−
1.0
μ
A
h
ni
a
G
t
n
e
rr
u
C
C
D
FE
Note 1
VCE = 3 V, IC
0
5
2
0
0
1
0
5
A
m
5
=
−
s
ci
ts
ir
e
tc
a
r
a
h
C
F
R
Gain Bandwidth Product
fT
VCE = 3 V, IC = 5 mA, f = 2 GHz
5.5
8.0
–
GHz
Insertion Power Gain
⏐
S21e⏐2 VCE = 3 V, IC = 5 mA, f = 2 GHz
5.5
7.5
−
dB
V
F
N
e
r
u
gi
F
e
si
o
N
CE
= 3 V, IC = 5 mA, f = 2 GHz
−
1.9
3.2
dB
Reverse Transfer Capacitance
CreNote2 VCB = 3 V, IE = 0 mA, f = 1 MHz
−
0.3
0.7
pF
Notes 1. Pulse measurement: PW ≤ 350 μs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
R43
R44
R45
Marking
R43
R44
R45
hFE Value
50 to 100
80 to 160
125 to 250



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com