Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4228 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC4228
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4228 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC4228 Datasheet HTML 1Page - California Eastern Labs 2SC4228 Datasheet HTML 2Page - California Eastern Labs 2SC4228 Datasheet HTML 3Page - California Eastern Labs 2SC4228 Datasheet HTML 4Page - California Eastern Labs 2SC4228 Datasheet HTML 5Page - California Eastern Labs 2SC4228 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet PU10452EJ01V0DS
3
TYPICAL CHARACTERISTICS (TA = +25°C, unless otherwise specified)
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
25
10
5
15
20
1
5
.
0
0
40 A
μ
60 A
μ
80 A
μ
100 A
μ
120 A
μ
140 A
μ
160 A
μ
IB = 20 A
μ
VCE = 3 V
200
50
100
10
20
1
5
10
0
5
5
.
0
Collector Current IC (mA)
COLLECTOR CURRENT
DC CURRENT GAIN vs.
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT
10
8
6
4
2
0
5
10
0
5
1
5
.
0
250
200
150
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Free Air
Collector to Base Voltage VCB (V)
vs. COLLECTOR TO BASE VOLTAGE
REVERSE TRANSFER CAPACITANCE
5
0.2
0.5
1
2
0.1
2
1
5
10
20
50
f = 1 MHz
VCE = 3 V
20
10
0
0.5
1
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Remark The graphs indicate nominal characteristics.
NE68030 / 2SC4228



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com