Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5010 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC5010
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5010 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC5010 Datasheet HTML 1Page - California Eastern Labs 2SC5010 Datasheet HTML 2Page - California Eastern Labs 2SC5010 Datasheet HTML 3Page - California Eastern Labs 2SC5010 Datasheet HTML 4Page - California Eastern Labs 2SC5010 Datasheet HTML 5Page - California Eastern Labs 2SC5010 Datasheet HTML 6Page - California Eastern Labs 2SC5010 Datasheet HTML 7Page - California Eastern Labs 2SC5010 Datasheet HTML 8Page - California Eastern Labs 2SC5010 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SC5010
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
0.1
μ
A
VCB = 5 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
μ
A
VEB = 1 V, IC = 0
h
ni
a
G
t
n
e
rr
u
C
C
D
FE
75
150
VCE = 3 V, IC = 10 mA*1
Gain Bandwidth Product
fT
12.0
GHz
VCE = 3 V, IC = 10 mA, f = 2 GHz
Feed-Back Capacitance
Cre
0.4
0.7
pF
VCE = 3 V, IE = 0 , f = 1 MHz*2
Insertion Power Gain
|S21e|2
7.0
8.5
dB
VCE = 3 V, IC = 10 mA, f = 2 GHz
V
B
d
5
.
2
5
.
1
F
N
e
r
u
gi
F
e
si
o
N
CE
= 3 V, IC = 3 mA, f = 2 GHz
*1 Pulse Measurement PW ≤ 350 μs, Duty Cycle ≤ 2 %
*2 The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance
bridge.
hFE Classification
Rank
FB
Marking
83
hFE
75 to 150
NE68519 /



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com