Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5751 Datasheet(PDF) 12 Page - California Eastern Labs

Part # 2SC5751
Description  MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5751 Datasheet(HTML) 12 Page - California Eastern Labs

Back Button 2SC5751 Datasheet HTML 8Page - California Eastern Labs 2SC5751 Datasheet HTML 9Page - California Eastern Labs 2SC5751 Datasheet HTML 10Page - California Eastern Labs 2SC5751 Datasheet HTML 11Page - California Eastern Labs 2SC5751 Datasheet HTML 12Page - California Eastern Labs 2SC5751 Datasheet HTML 13Page - California Eastern Labs 2SC5751 Datasheet HTML 14Page - California Eastern Labs 2SC5751 Datasheet HTML 15Page - California Eastern Labs 2SC5751 Datasheet HTML 16Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet P15657EJ1V0DS
12
VCE = 3 V, IC = 20 mA, ZO = 50 Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
0.595
0.553
0.502
0.461
0.431
0.420
0.410
0.403
0.404
0.403
0.409
0.409
0.419
0.422
0.429
0.435
0.443
0.450
0.457
0.465
0.474
0.484
0.487
0.495
0.503
0.510
0.522
0.533
0.545
0.544
0.615
−
33.4
−
64.3
−
89.1
−
107.1
−
121.6
−
133.7
−
144.1
−
152.2
−
159.3
−
166.0
−
171.8
−
177.1
178.3
173.8
170.0
166.1
162.7
159.6
156.4
153.3
150.8
148.2
145.8
143.4
141.1
139.2
136.7
134.9
132.9
130.4
112.0
34.316
28.502
23.611
19.615
16.644
14.305
12.568
11.108
10.024
9.099
8.328
7.666
7.111
6.597
6.163
5.795
5.463
5.142
4.862
4.612
4.403
4.184
4.009
3.832
3.688
3.540
3.400
3.260
3.126
3.022
2.148
156.1
137.4
123.4
113.6
105.9
99.9
94.4
89.9
85.8
81.9
78.4
75.4
71.9
68.8
66.0
62.9
60.1
57.4
54.5
51.7
48.9
46.4
43.8
41.0
38.3
35.9
33.4
30.6
27.9
25.9
4.1
0.011
0.018
0.024
0.027
0.030
0.032
0.034
0.036
0.038
0.041
0.043
0.045
0.048
0.050
0.053
0.055
0.058
0.060
0.064
0.066
0.069
0.072
0.075
0.077
0.080
0.084
0.087
0.092
0.094
0.095
0.115
67.8
63.3
55.7
51.6
49.2
48.7
49.0
49.1
49.4
50.1
50.6
51.1
51.2
51.7
51.9
51.9
51.8
51.9
51.4
51.6
51.5
51.3
51.2
50.9
50.5
50.2
49.9
48.7
46.2
45.6
37.4
0.917
0.790
0.677
0.582
0.516
0.462
0.425
0.394
0.372
0.353
0.341
0.329
0.323
0.315
0.311
0.304
0.303
0.297
0.299
0.297
0.301
0.302
0.309
0.311
0.319
0.323
0.332
0.338
0.335
0.330
0.369
−
17.3
−
30.8
−
39.4
−
45.3
−
48.8
−
51.7
−
53.7
−
56.0
−
58.0
−
60.4
−
62.6
−
65.4
−
67.9
−
70.7
−
73.5
−
76.4
−
79.7
−
83.0
−
86.8
−
90.3
−
94.1
−
97.6
−
101.4
−
104.6
−
108.2
−
111.2
−
115.1
−
119.1
−
123.1
−
125.7
−
156.0
0.283
0.321
0.434
0.559
0.670
0.768
0.845
0.930
0.984
1.036
1.070
1.109
1.128
1.161
1.174
1.188
1.192
1.213
1.210
1.216
1.207
1.207
1.207
1.205
1.190
1.177
1.155
1.125
1.125
1.164
1.191
34.86
31.93
29.99
28.62
27.51
26.55
25.67
24.89
24.19
22.35
21.27
20.27
19.57
18.77
18.16
17.58
17.09
16.52
16.07
15.61
15.29
14.89
14.55
14.21
13.98
13.70
13.51
13.34
13.05
12.56
10.06
NE677M04 / 2SC5751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com