Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5751 Datasheet(PDF) 13 Page - California Eastern Labs

Part # 2SC5751
Description  MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5751 Datasheet(HTML) 13 Page - California Eastern Labs

Back Button 2SC5751 Datasheet HTML 8Page - California Eastern Labs 2SC5751 Datasheet HTML 9Page - California Eastern Labs 2SC5751 Datasheet HTML 10Page - California Eastern Labs 2SC5751 Datasheet HTML 11Page - California Eastern Labs 2SC5751 Datasheet HTML 12Page - California Eastern Labs 2SC5751 Datasheet HTML 13Page - California Eastern Labs 2SC5751 Datasheet HTML 14Page - California Eastern Labs 2SC5751 Datasheet HTML 15Page - California Eastern Labs 2SC5751 Datasheet HTML 16Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet P15657EJ1V0DS
13
VCE = 3 V, IC = 30 mA, ZO = 50 Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
0.524
0.474
0.446
0.423
0.409
0.403
0.401
0.401
0.404
0.404
0.411
0.415
0.424
0.428
0.439
0.444
0.453
0.460
0.467
0.474
0.484
0.491
0.497
0.504
0.513
0.518
0.530
0.542
0.555
0.555
0.622
−
41.0
−
76.2
−
102.9
−
121.3
−
134.9
−
145.9
−
154.7
−
162.1
−
168.2
−
174.3
−
179.0
176.3
172.1
168.3
164.8
161.3
158.4
155.5
152.4
149.7
147.6
145.2
142.9
140.4
138.6
136.6
134.5
132.8
130.8
128.4
110.7
39.242
31.150
24.960
20.338
17.015
14.506
12.667
11.171
10.065
9.097
8.317
7.645
7.077
6.571
6.141
5.752
5.426
5.110
4.839
4.580
4.370
4.155
3.984
3.798
3.655
3.507
3.370
3.233
3.098
2.998
2.130
152.3
132.5
118.7
109.4
102.2
96.6
91.6
87.5
83.5
79.8
76.5
73.6
70.3
67.3
64.5
61.5
58.9
56.2
53.5
50.7
48.1
45.5
42.9
40.2
37.7
35.3
32.6
29.9
27.4
25.3
3.9
0.010
0.017
0.022
0.024
0.027
0.029
0.031
0.034
0.036
0.039
0.041
0.044
0.047
0.050
0.053
0.055
0.058
0.061
0.064
0.067
0.070
0.073
0.076
0.079
0.082
0.086
0.089
0.094
0.096
0.097
0.118
63.2
60.2
55.2
52.6
51.6
51.4
52.8
53.4
53.6
54.5
55.1
55.6
55.7
55.6
55.9
55.5
55.5
55.4
54.6
54.4
54.3
54.0
53.6
53.1
52.6
52.0
51.5
50.2
47.9
47.0
38.0
0.884
0.734
0.614
0.522
0.461
0.413
0.382
0.355
0.337
0.321
0.312
0.302
0.297
0.290
0.288
0.282
0.282
0.278
0.280
0.278
0.283
0.285
0.292
0.295
0.303
0.308
0.318
0.324
0.321
0.317
0.359
−
19.8
−
33.9
−
41.8
−
46.9
−
49.5
−
51.8
−
53.5
−
55.5
−
57.4
−
59.7
−
62.1
−
64.9
−
67.3
−
70.4
−
73.2
−
76.5
−
79.8
−
83.3
−
87.1
−
90.8
−
95.0
−
98.5
−
102.4
−
105.7
−
109.3
−
112.4
−
116.5
−
120.4
−
124.5
−
127.1
−
157.6
0.346
0.415
0.529
0.661
0.773
0.873
0.950
1.021
1.063
1.110
1.136
1.162
1.176
1.198
1.199
1.214
1.212
1.224
1.223
1.228
1.211
1.215
1.205
1.207
1.188
1.180
1.153
1.125
1.123
1.156
1.182
35.74
32.65
30.64
29.24
28.03
26.98
26.06
24.32
22.90
21.68
20.79
19.94
19.25
18.53
17.99
17.37
16.92
16.37
15.94
15.47
15.16
14.75
14.44
14.07
13.86
13.55
13.38
13.21
12.93
12.49
9.98
NE677M04 / 2SC5751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com