Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAS86
Description  200mA Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAS86 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAS86 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAS86 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Surface Mount Schottky Barrier Diode
BAS86
SOD-80 Glass case
1 of 2
Features
·
·
·
Features
·
Mechanical Data
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
@ TA = 25
°C unless otherwise specified
Maximum Ratings and Electrical Characteristics
·
SOD-80
·
Case:
·
·
·
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
The low forward voltage drop and fast switching
Metal-on-silicon Schottky barrier device which is
This diode features low turn-on voltage.
For general purpose applications
The devices are protected by a PN junction
guard ring against excessive voltage, such
as electrostatic discharges.
protected by a PN junction guard ring.
make it ideal for protection of MOS devices, steer-
ing, biasing and coupling diodes for fast switching
and low logic level applications
and WEEE 2002/96/EC
Weight: approx. 31 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
1) Valid provided that electrodes are kept at ambient temperature
Parameter
Test condition
Symbol
Value
Unit
Continuous reverse voltage
VR
50
V
Forward continuous current
Tamb = 25 °C
IF
2001)
mA
Repetitive peak forward current
tp < 1 s, Tamb = 25 °C, ν ≤ 0.5
IFRM
5001)
mA
Power dissipation1)
Tamb = 25 °C
Ptot
2001)
mW
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 10 µA (pulsed)
V(BR)
50
V
Leakage current
VR = 40 V
IR
5µA
Forward voltage
Pulse test tp < 300 µs,
IF = 0.1 mA, δ < 2 %
VF
200
300
mV
Pulse test tp < 300 µs,
IF = 1 mA, δ < 2 %
VF
275
380
mV
Pulse test tp < 300 µs,
IF = 10 mA, δ < 2 %
VF
365
450
mV
Pulse test tp < 300 µs,
IF = 30 mA, δ < 2 %
VF
460
600
mV
Pulse test tp < 300 µs,
IF = 100 mA, δ < 2 %
VF
700
900
mV
Diode capacitance
VR = 1 V, f = 1 MHz
Ctot
8pF
Reverse recovery time
IF = 10 mA, IR = 10 mA,
Irr = 1 mA,
trr
5ns


Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
Small Signal Schottky Diode
03-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BAS86 SEMTECH_ELEC-BAS86 Datasheet
194Kb / 3P
SCHOTTKY BARRIER DIODE
logo
GOOD-ARK Electronics
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
More results

Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
200mA Surface Mount Schottky Barrier Rectifiers
BAT54HT1G SUNMATE-BAT54HT1G Datasheet
318Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT85S SUNMATE-BAT85S Datasheet
151Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
LS103A SUNMATE-LS103A Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
MCL103A SUNMATE-MCL103A Datasheet
154Kb / 2P
200mA Surface Mount Schottky Barrier Diode
RB520S-30 SUNMATE-RB520S-30 Datasheet
303Kb / 3P
200mA Surface Mount Schottky Barrier Diode
RB520S-40 SUNMATE-RB520S-40 Datasheet
351Kb / 3P
200mA Surface Mount Schottky Barrier Diode
RB521S-30 SUNMATE-RB521S-30 Datasheet
203Kb / 2P
200mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com