Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54HT1 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT54HT1
Description  200mA Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT54HT1 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT54HT1 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT54HT1 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200mA Surface Mount Schottky Barrier Diodes
BAT54HT1
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
· Case Molded Plastic
K
L
M
J
C
H
BA
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
Ratings at 25
o
C ambient temperature unless otherwise specified.
SYMBOLS
Continuous Reverse Voltage
Peak Forward Current
Peak Forward Surge Current
VR
IF
IFSM
VALUE
75
200
500
UNITS
Vdc
mAdc
mAdc
SYMBOLS
Reverse Voltage Leakage Current
Reverse Breakdown Voltage
Forward Voltage
Junction Capacitance
Forward Recovery Voltage
Reverse Recovery Time
Stored Charge
( VR=75Vdc )
( VR=75Vdc, TJ=150
oC )
( VR=25Vdc, TJ=150
oC )
( IBR=100uAdc )
( IF=1.0mAdc )
( IF=10mAdc )
( IF=50mAdc )
( IF=150mAdc )
( VR=0, f=1.0MHz )
( IF=10mAdc, tr=20nS )
( IF=IR=10mAdc, RL=50
)
( IF=10mAdc, to VR=5.0Vdc, RL=500
)
IR
V( BR )
VF
CJ
VFR
trr
QS
UNITS
MIN.
MAX.
-
-
-
1.0
50
30
uAdc
Vdc
75
-
-
-
-
-
0.72
0.86
1.00
1.25
Vdc
-
2.0
1.75
6.0
45
-
-
-
pF
Vdc
nS
pC
CHARACTERISTIC
Extremely Fast Switching Speed
Low Forward Voltage − 0.35 Volts (Typ) @ IF = 10 mAdc
Device Marking: JV
Pb−Free Package is Available
·
·
·
·
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 μA)
V(BR)R
30
—
—
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
—
7.6
10
pF
Reverse Leakage (VR = 25 V)
IR
—
0.5
2.0
μAdc
Forward Voltage (IF = 0.1 mAdc)
VF
—
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
—
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
—
0.52
0.8
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
—
—
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
—
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
—
0.35
0.40
Vdc
Forward Current (DC)
IF
—
—
200
mAdc
Repetitive Peak Forward Current
IFRM
—
—
300
mAdc
Non−Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc


Similar Part No. - BAT54HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAT54HT1 ONSEMI-BAT54HT1 Datasheet
46Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 3
logo
Zowie Technology Corpor...
BAT54HT1 ZOWIE-BAT54HT1 Datasheet
50Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
BAT54HT1 LRC-BAT54HT1 Datasheet
61Kb / 2P
Schottky Barrier Diodes
logo
Guangdong Kexin Industr...
BAT54HT1 KEXIN-BAT54HT1 Datasheet
35Kb / 1P
Schottky Barrier Diodes
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
46Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 3
More results

Similar Description - BAT54HT1

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BAT54 FCI-BAT54 Datasheet
460Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
BAT54X FCI-BAT54X Datasheet
126Kb / 2P
200mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFER
logo
SUNMATE electronic Co.,...
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAT42W SUNMATE-BAT42W Datasheet
113Kb / 2P
200mA Surface Mount Schottky Barrier Rectifiers
BAT85S SUNMATE-BAT85S Datasheet
151Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
BAT86S SUNMATE-BAT86S Datasheet
177Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
LS103A SUNMATE-LS103A Datasheet
200Kb / 2P
200mA Surface Mount Schottky Barrier Diode
MCL103A SUNMATE-MCL103A Datasheet
154Kb / 2P
200mA Surface Mount Schottky Barrier Diode
RB520S-30 SUNMATE-RB520S-30 Datasheet
303Kb / 3P
200mA Surface Mount Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com