Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD1501A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBD1501A
Description  Plastic-Encapsulated Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBD1501A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBD1501A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBD1501A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBD1501A~ MMBD1505A
Plastic-Encapsulated Diode
Elektronische Bauelemente
30-Nov-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High conductance Low Leakage Diode
MARKING
Part
Name
MMBD1501A
MMBD1503A
MMBD1504A
MMBD1505A
Marking
A11
A13
A14
A15
Circuit
ABSOLUTE MAXIMUM RATINGS (@ Ta = 25°C)
PARAMETER
SYMBOL
LIMITS
UNIT
Working Inverse Voltage
VR
200
V
DC Forward Current
IF
600
mA
Average Rectifying Current
IO
200
mA
Total Device Dissipation
PD
350
mW
Thermal Resistance, Junction to Ambient
RθJA
357
°C/W
Surge Current
1 s
ISURGE
1
A
1 microsecond
2
A
Junction, Storage Temperature
TJ , TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
200
-
V
IR =5µA
Reverse voltage leakage current
IR
-
10
nA
VR =180V
Forward Voltage
VF1
-
0.75
V
IF = 1 mA
VF2
-
0.85
V
IF = 10 mA
VF3
-
0.95
V
IF = 50 mA
VF4
-
1.1
V
IF = 100 mA
VF5
-
1.3
V
IF = 200 mA
VF6
-
1.5
V
IF = 300 mA
Diode Capacitance
CD
-
4
pF
VR = 0, f = 1 MHz
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - MMBD1501A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MMBD1501A JGD-MMBD1501A Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Micro Commercial Compon...
MMBD1501A MCC-MMBD1501A Datasheet
144Kb / 3P
High Conductance Low Leakage Diode 350mW
logo
Fairchild Semiconductor
MMBD1501A FAIRCHILD-MMBD1501A Datasheet
88Kb / 4P
Small Signal Diodes
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A Datasheet
245Kb / 4P
High conductance low leakage diode
logo
SeCoS Halbleitertechnol...
MMBD1501A SECOS-MMBD1501A Datasheet
195Kb / 2P
Plastic-Encapsulated Diode
More results

Similar Description - MMBD1501A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
BAS19W TEL-BAS19W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
Plastic-Encapsulated Diode
BAW56W TEL-BAW56W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
BZX84C2V4W TEL-BZX84C2V4W Datasheet
104Kb / 1P
Plastic-Encapsulated DIODE
DA204U TEL-DA204U Datasheet
59Kb / 1P
Plastic-Encapsulated Diode
DA221 TEL-DA221 Datasheet
55Kb / 1P
Plastic-Encapsulated Diode
MMBD4148W TEL-MMBD4148W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T_15 Datasheet
261Kb / 2P
Plastic- Encapsulated Diode
MMBD4148T SECOS-MMBD4148T_15 Datasheet
241Kb / 2P
Plastic-Encapsulated Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com