Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPU165MK Datasheet(PDF) 1 Page - International Rectifier

Part # CPU165MK
Description  IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPU165MK Datasheet(HTML) 1 Page - International Rectifier

  CPU165MK Datasheet HTML 1Page - International Rectifier CPU165MK Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-961
CPU165MK
Short Circuit Rated UltraFast IGBT
IGBT SIP MODULE
Parameter
Typ.
Max.
Units
RθJC (IGBT)
Junction-to-Case, each IGBT, one IGBT in conduction
—
1.5
RθJC (DIODE)
Junction-to-Case, each diode, one diode in conduction
—
2.0
°C/W
RθCS (MODULE)
Case-to-Sink, flat, greased surface
0.1
—
Wt
Weight of module
20 (0.7)
—
g (oz)
Thermal Resistance
Features
• Short Circuit Rated - 10µs @ 125°C, V GE = 15V
•
Fully isolated printed circuit board mount package
• Switching-loss rating includes all "tail" losses
• HEXFRED
TM soft ultrafast diodes
• Optimized for high operating frequency (over 5kHz)
Product Summary
Output Current in a Typical 20 kHz Motor Drive
10 ARMS with TC = 90°C, TJ = 125°C, Supply Voltage 360Vdc,
Power Factor 0.8, Modulation Depth 80%.
Preliminary Data Sheet PD - 5.036
Description
The IGBT technology is the key to International Rectifier's advanced line of IMS
(Insulated Metal Substrate) Power Modules. These modules are more efficient
than comparable bipolar transistor modules, while at the same time having the
simpler gate-drive requirements of the familiar power MOSFET. This superior
technology has now been coupled to a state of the art materials system that
maximizes power throughput with low thermal resistance. This package is highly
suited to power applications and where space is at a premium.
These new short circuit rated devices are especially suited for motor control and
other totem-pole applications requiring short circuit withstand capability.
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current, each IGBT
33
IC @ TC = 100°C
Continuous Collector Current, each IGBT
17
ICM
Pulsed Collector Current
100
A
ILM
Clamped Inductive Load Current
100
IF @ TC = 100°C
Diode Continuous Forward Current
15
IFM
Diode Maximum Forward Current
100
tsc
Short Circuit Withstand Time
10
µs
VGE
Gate-to-Emitter Voltage
± 20
V
VISOL
Isolation Voltage, any terminal to case, 1 min.
2500
VRMS
PD @ TC = 25°C
Maximum Power Dissipation, each IGBT
83
W
PD @ TC = 100°C
Maximum Power Dissipation, each IGBT
33
TJ
Operating Junction and
-40 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting torque, 6-32 or M3 screw.
5-7 lbf•in (0.55 - 0.8 N•m)
1,2
4
5
9
6,7
11,12
Q1
Q2
D1
D2
IMS-1
Revision 2
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - CPU165MK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPU165MF IRF-CPU165MF Datasheet
498Kb / 8P
IGBT SIP MODULE Fast IGBT
CPU165MM IRF-CPU165MM Datasheet
94Kb / 2P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPU165MU IRF-CPU165MU Datasheet
441Kb / 8P
IGBT SIP MODULE Ultra-Fast IGBT
More results

Similar Description - CPU165MK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPU165MM IRF-CPU165MM Datasheet
94Kb / 2P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV362MK IRF-CPV362MK Datasheet
460Kb / 8P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV362MM IRF-CPV362MM Datasheet
447Kb / 8P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV363MK IRF-CPV363MK Datasheet
450Kb / 8P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
CPV363MM IRF-CPV363MM Datasheet
450Kb / 8P
IGBT SIP MODULE Short Circuit Rated Fast IGBT
CPV364MK IRF-CPV364MK Datasheet
447Kb / 8P
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
IRG4PH20KPBF IRF-IRG4PH20KPBF Datasheet
390Kb / 9P
Short Circuit Rated UltraFast IGBT
logo
Vishay Siliconix
CPV363M4KPBF VISHAY-CPV363M4KPBF Datasheet
279Kb / 11P
IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
01-Sep-08
VS-CPV363M4KPBF VISHAY-VS-CPV363M4KPBF Datasheet
261Kb / 10P
IGBT SIP Module (Short Circuit Rated Ultrafast IGBT)
25-Oct-17
VS-CPV364M4KPBF VISHAY-VS-CPV364M4KPBF Datasheet
252Kb / 11P
IGBT SIP Module(Short Circuit Rated Ultrafast IGBT)
25-Oct-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com