Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8126K Datasheet(PDF) 1 Page - NEC

Part # UPC8126K
Description  900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8126K Datasheet(HTML) 1 Page - NEC

  UPC8126K Datasheet HTML 1Page - NEC UPC8126K Datasheet HTML 2Page - NEC UPC8126K Datasheet HTML 3Page - NEC UPC8126K Datasheet HTML 4Page - NEC UPC8126K Datasheet HTML 5Page - NEC UPC8126K Datasheet HTML 6Page - NEC UPC8126K Datasheet HTML 7Page - NEC UPC8126K Datasheet HTML 8Page - NEC UPC8126K Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
The information in this document is subject to change without notice.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC8126K
900 MHz BAND DIRECT QUADRATURE MODULATOR IC
FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Document No. P13488EJ1V0DS00 (1st edition)
Date Published February 1999 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
1999
©
DESCRIPTION
The
µPC8126K is a silicon monolithic integrated circuit designed as quadrature modulator for digital mobile
communication systems. This IC integrates a pre-mixer for local signals plus a quadrature modulator operating from
889 MHz to 960 MHz. The chip which has been conventionally packaged in 20-pin SSOP is packaged in 28-pin QFN
and therefore is suitable for higher density mounting. In addition, the IC has power save function and can operate
2.7 to 3.6 V supply voltage. Consequently the
µPC8126K can contribute to make RF blocks smaller size, higher
performance and lower power consumption.
FEATURES
•
Directly modulate in 889 MHz to 960 MHz
•
Built-in pre-mixer for local signals
•
External IF filter can be applied between modulator output and pre-mixer input terminal.
•
Current consumption ICC = 35 mA TYP. @ VCC = 3.0 V
•
Equipped with power save function.
•
28-pin QFN suitable for higher density mounting.
APPLICATIONS
•
Digital cellular phones: PDC800M
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPC8126K-E1
28-pin plastic QFN (5.1
× 5.5 × 0.95 mm)
Embossed tape 12 mm wide.
QTY 2.5 kp/reel.
Pins 1 through 10 are in pull-out direction.
Remark To order evaluation samples, please contact your local NEC sales office .
(Part number for sample order:
µPC8126K)
Caution Electro-static sensitive device


Similar Part No. - UPC8126K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8126K NEC-UPC8126K Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
223Kb / 20P
Single Chip Transceiver Silicon MMIC for PHS
UPC8126K NEC-UPC8126K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8126K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
2500 -4000 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com