Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2000_15 Datasheet HTML 2Page - Analog Devices SSM2000_15 Datasheet HTML 3Page - Analog Devices SSM2000_15 Datasheet HTML 4Page - Analog Devices SSM2000_15 Datasheet HTML 5Page - Analog Devices SSM2000_15 Datasheet HTML 6Page - Analog Devices SSM2000_15 Datasheet HTML 7Page - Analog Devices SSM2000_15 Datasheet HTML 8Page - Analog Devices SSM2000_15 Datasheet HTML 9Page - Analog Devices SSM2000_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FREQUENCY – Hz
20
30k
100
1k
10k
10
0
–90
–10
–20
–30
–40
–50
–60
–70
–80
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
VIN = 300mVrms SINE WAVE (Pin 1, 2)
VC = 0V
VC = 0.5V
VC = 1V
VC = 1.5V
VC = 2V
VC = 2.5V
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = OFF (Pin 16)
MUTE = OFF (Pin 17)
RL = 100kΩ
Figure 11. Channel Output vs. Frequency for Different
VCA Control Port Voltages
FREQUENCY – Hz
–40
–45
–70
20
20k
100
1k
10k
–50
–55
–60
–65
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = ON (Pin 16)
MUTE = OFF (Pin 17)
RL = 100kΩ
VIN = 300mVrms SINE WAVE (Pin 1 or 2)
UNSELECTED INPUT = 0V (Pin 1 or 2)
Figure 12. Channel Separation vs. Frequency
FREQUENCY – Hz
–50
–55
–100
20
30k
100
1k
10k
–60
–65
–70
–75
–80
–85
–90
–95
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
VIN = 300mVrms SINE WAVE (Pin 1, 2)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = OFF (Pin 16)
MUTE = ON (Pin 17)
BOTH CHANNELS
RL = 100kΩ
Figure 13. Muted Output Level vs. Frequency
FREQUENCY – Hz
–20
–30
–80
20
30k
100
1k
10k
–40
–50
–60
–70
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = ON (Pin 16)
MUTE = OFF (Pin 17)
NO DECOUPLING CAPACITOR ON V
+
V+ RIPPLE = 425mVp-p
Figure 14. PSRR+ vs. Frequency
FREQUENCY – Hz
–20
–30
–80
20
30k
100
1k
10k
–40
–50
–60
–70
TA = +25°C
VS = ± 4.25V (Pin 5, 20)
DEF THRESHOLD = 0V (Pin 14)
DEFEAT = ON (Pin 16)
MUTE = OFF (Pin 17)
V – RIPPLE = 425mVp-p
NO DECOUPLING CAPACITOR ON V
–
Figure 15. PSRR– vs. Frequency
SUPPLY VOLTAGE – V
14
4
420
6
8
10
1214
1618
13
10
8
6
5
12
11
9
7
TA = +25°C
Figure 16. Supply Current vs. Supply Voltage
SSM2000–Typical Performance Characteristics
–6–
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com