Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2000 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2000
Description  HUSH Stereo Noise Reduction System with Adaptive Threshold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2000 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2000_15 Datasheet HTML 6Page - Analog Devices SSM2000_15 Datasheet HTML 7Page - Analog Devices SSM2000_15 Datasheet HTML 8Page - Analog Devices SSM2000_15 Datasheet HTML 9Page - Analog Devices SSM2000_15 Datasheet HTML 10Page - Analog Devices SSM2000_15 Datasheet HTML 11Page - Analog Devices SSM2000_15 Datasheet HTML 12Page - Analog Devices SSM2000_15 Datasheet HTML 13Page - Analog Devices SSM2000_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SSM2000
REV. 0
–10–
Noise is most objectionable at high frequencies (3 kHz–8 kHz).
Therefore, only the VCF detector output signal is used to deter-
mine the adaptive noise threshold. Figures 25a–c, are a series of
circuits which illustrate how the noise threshold is derived. It is
important to remember that the signal that is applied to the
noise threshold detector circuitry has already been rectified and
averaged. Hence, the lowest potential over a set period of time
corresponds to the noise floor. Node A corresponds to the out-
put of the VCF Detector, and Node B is
proportional to the adaptive noise threshold.
Figure 25a illustrates the condition where the potential at Node
A is above the maximum possible potential for Node B. The
maximum noise threshold is set by the potential placed on Pin
14. If the potential at Node B rises to a diode drop above Pin
14, then Q1’s emitter-base diode turns on and clamps Node B.
This is represented by the current flow I2. However, if Node B
has not yet risen to the maximum noise threshold level, then
both Q1 and Q2 are OFF and the 35 nA current source is
charging C1 (A.T. CAP). The auto threshold capacitor should
be a ceramic or equivalent low leakage capacitor, because the
charging current could otherwise be of similar amplitude to the
capacitor leakage current.
VEE
A
20k
Ω 20kΩ
MAXIMUM
NOISE THRESHOLD
LEVEL
35nA
14
15
Q1
Q2
C1
0.22µF
MINIMUM
NOISE
THRESHOLD
LEVEL
B
I2
I1
t
Q1 CLAMPS NODE
B TO A DIODE DROP
ABOVE THE
POTENTIAL AT PIN 14
I1 IS
CHARGING
C1
B
VOLTS
A
MAX
MIN
Figure 25a. Condition Where the Actual Noise Threshold
Is Above the Maximum Noise Threshold Level Setting
(Pin 14)
Figure 25b illustrates the condition where the potential at Node
A is between the maximum and minimum potentials for Node
B. When Node A falls below Node B, then the emitter-base
diode of Q2 turns ON causing Node B to follow Node A. Cur-
rent I2 illustrates how the discharge current from C1 and the
35 nA current source are directed through Q2. Q2 shuts OFF
the moment that Node A rises above Node B. This forces the
35 nA current source to begin charging C1 at a constant rate set
by the value of C1 at Pin 15.
VEE
A
20k
Ω 20kΩ
MAXIMUM
NOISE THRESHOLD
LEVEL
35nA
14
15
Q1
Q2
C1
0.22µF
MINIMUM
NOISE
THRESHOLD
LEVEL
B
t
I2 FLOWS DISCHARGING
C1 CAUSING NODE B TO
VOLTAGE FOLLOW NODE A
I1 IS
CHARGING
C1
B
VOLTS
A
MAX
MIN
I2
I1
Figure 25b. Condition Where the Noise Level Is Between
the Maximum and Minimum Threshold Settings
Figure 25c illustrates the condition where the potential at Node
A is below the minimum potential for Node B. In this case the
internal minimum noise potential causes a diode to turn ON.
This clamps the Node A potential to the minimum noise thresh-
old level. I1 represents the current flow in this condition. In
addition, the 35 nA flows through Q2’s emitter-base diode as
shown by I2.
VEE
A
20k
Ω 20kΩ
35nA
14
15
Q1
Q2
C1
0.22µF
MINIMUM
NOISE
THRESHOLD
LEVEL
B
C
MAXIMUM
NOISE THRESHOLD
LEVEL
I2
I1
t
I 1 AND I 2 FLOW CLAMPING NODE
B TO THE MINIMUM NOISE
THRESHOLD LEVEL
B
VOLTS
A
MAX
MIN
C
Figure 25c. Condition Where the Noise Level Is Below the
Minimum Noise Threshold Level Setting
Simply subtracting the noise threshold from the average VCF
HF control signal plus noise threshold and the average VCA
control signal plus noise threshold will yield the final VCF and
VCA control signal. This operation is accomplished with two
internal difference amplifiers.
Figures 26a–b shows the response of the detector that controls
the VCF bandwidth and VCA gain respectively. Both L IN and
R IN pins receive a 10 kHz tone burst. The lower trace of Fig-
ure 26a shows the control voltage to the VCF (Pin 11) and the
lower trace of Figure 26b shows the control voltage to the VCA
(Pin 12). Note the quick rise and slow fall times. This allows
fast adaptation to changed input signal conditions, while avoid-
ing pumping effects and other sonic artifacts.
100
90
10
0%
100mV
100ms
500mV
Figure 26a. VCF Control Voltage for a Tone Burst
100
90
10
0%
500mV
100mV
100ms
Figure 26b. VCA Control Voltage for a Tone Burst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com