Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2166 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 9Page - Analog Devices SSM2166 Datasheet HTML 10Page - Analog Devices SSM2166 Datasheet HTML 11Page - Analog Devices SSM2166 Datasheet HTML 12Page - Analog Devices SSM2166 Datasheet HTML 13Page - Analog Devices SSM2166 Datasheet HTML 14Page - Analog Devices SSM2166 Datasheet HTML 15Page - Analog Devices SSM2166 Datasheet HTML 16Page - Analog Devices SSM2166 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
SSM2166
Rev. E | Page 13 of 20
EVALUATION BOARD
A schematic diagram of the SSM2166 evaluation board is
illustrated in Figure 26. As a design aid, the layouts for the
topside silkscreen and the topside and backside metallization
layers are shown in Figure 27, Figure 28, and Figure 29. Although
not shown to scale, the finished dimension of the evaluation
board is 3.5 inches by 3.5 inches and comes complete with pin
sockets and a sample of the SSM2166.
Signal sources are connected to the SSM2166 through a 1/8-inch
phone jack where a 0.1 µF capacitor couples the input signal
to the AUDIO +IN pin (Pin 7). As shown in Figure 26 and in
microphone applications, the phone jack shield can be optionally
connected to the ground plane of the board (Jumper J1 inserted
into the board socket for Pin 1 and Pin 2) or to the VCAR input
at Pin 4 (J1 inserted into the board socket for Pin 1 and Pin 3).
If the signal source is a waveform or function generator, the
phone jack shield should be connected to ground.
For ease in making adjustments for all configuration parameters,
single-turn potentiometers are used throughout. Optional Jumper
J2 connects the COMP RATIO SET pin to ground and sets the
SSM2166 for no compression (that is, compression ratio = 1:1).
Optional Jumper J3 connects the POWER DOWN (Pin 12) input
to ground for normal operation. J3 can be replaced by an open-
drain logic buffer for a digitally controlled shutdown function.
An output signal mute function can be implemented on the
SSM2166 by connecting the GAIN ADJUST pin (Pin 2) through a
330 Ω resistance to ground. This is provided on the evaluation
board via R11 and S1. Capacitor C5, connected between Pin 2
and ground and provided on the evaluation board, can be used
to avoid audible clicks when using the mute function.
To configure the SSM2166 input buffer for gain, provisions for
R1, R2, and C2 have been included. To configure the input buffer
for unity-gain operation, R1 and R2 are removed and a direct
connection is made between the −IN pin (Pin 6) and the BUF OUT
pin (Pin 5).
The output stage of the SSM2166 is capable of driving >1 V rms
(3 V p-p) into >5 kΩ loads and is externally available through
an RCA phono jack provided on the board. If the output of the
SSM2166 is required to drive a lower load resistance or an audio
cable, the on-board OP113 can be used. To use the OP113 buffer,
insert Jumper J4 into the board socket for Pin 4 and Pin 5 and
insert Jumper J5 into the board socket for Pin 6 and Pin 7. If the
output buffer is not required, remove Jumper J5 and insert Jumper
J4 into board socket Pin 5 and Pin 7.
There are no blocking capacitors either on the input or at
the output of the buffer. As a result, the output dc level of the
buffer matches the output dc level of the SSM2166, which is
approximately 2.3 V. A dc blocking capacitor can be inserted at
Pin 6 and Pin 7. An evaluation board and setup procedure
is available from an Analog Devices, Inc., sales representative.
SSM2166
COMP
RATIO
ADJ
CW
R6
100kΩ
5
4
6
7
OUTPUT
JACK
RCA
PHONO
OP113
R9
1kΩ
R11
330Ω
R10
20kΩ
CW
GAIN
ADJ
MUTE
SWITCH
C5
0.01µF
C4
22µF
C7
10µF
C1
0.1µF
+
+
3
1
2
INPUT
JACK
1/8"
PHONE
MIC
PWR
C2
1µF
R2
10kΩ
C6
10µF
C3
0.1µF
R1
10kΩ
+
R3
50kΩ
CW
R7
1MΩ
R8
500Ω
R4
500Ω
CCW
ROTATION
PT ADJ
+V
R12
100kΩ
J3
NOISE GATE ADJ
4
8
7
2
13
10
1
6
POWER DOWN
NOISE GATE
SET
V+
ROTATION
SET
VCAIN
BUF OUT
AVG CAP
AUDIO +IN
GAIN ADJUST
COMP RATIO SET
3
5
14
12
9
11
–IN
VCAR
OUTPUT
GND
Figure 26. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com