Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2166 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 3 Page - Analog Devices

  SSM2166 Datasheet HTML 1Page - Analog Devices SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
SSM2166
Rev. E | Page 3 of 20
SPECIFICATIONS
V+ = 5 V, f = 1 kHz, RL = 100 kΩ, RGATE = 600 kΩ, RROT PT = 3 kΩ, RCOMP = 0 Ω, R1 = 0 Ω, R2 = ∞ Ω, TA = 25°C, unless otherwise noted;
VIN = 300 mV rms.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AUDIO SIGNAL PATH
Voltage Noise Density
en
15:1 Compression
17
nV/√Hz
Noise
20 kHz bandwidth, VIN = GND
−109
dBu1
Total Harmonic Distortion and
Noise
THD + N
Second and third harmonics, VIN = −20 dBu,
22 kHz low-pass filter
0.25
0.5
%
Input Impedance
ZIN
180
kΩ
Output Impedance
ZOUT
75
Ω
Load Drive
Resistive
5
kΩ
Capacitive
2
nF
Buffer
Input Voltage Range
1% THD
1
V rms
Output Voltage Range
1% THD
1
V rms
VCA
Input Voltage Range
1% THD
1
V rms
Output Voltage Range
1% THD
1.4
V rms
Gain Bandwidth Product
1:1 compression, VCA gain = 60 dB
30
MHz
CONTROL SECTION
VCA Dynamic Gain Range
60
dB
VCA Fixed Gain Range
−60 to +19
dB
Compression Ratio, Minimum
1:1
Compression Ratio, Maximum
See Figure 19 for RCOMP/RROT PT, rotation
point = 100 mV rms
15:1
Control Feedthrough
15:1 compression, rotation point = −10 dBu,
R2 = 1.5 kΩ
±5
mV
POWER SUPPLY
Supply Voltage Range
V+
4.5
5.5
V
Supply Current
ISY
7.5
10
mA
Quiescent Output Voltage Level
2.2
V
Power Supply Rejection Ratio
PSRR
50
dB
POWER DOWN
Supply Current
Pin 12 = V+2
10
100
µA
1
0 dBu = 0.775 V rms.
2
Normal operation for Pin 12 is 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com