Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPV363MM Datasheet(PDF) 5 Page - International Rectifier

Part # CPV363MM
Description  IGBT SIP MODULE Short Circuit Rated Fast IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV363MM Datasheet(HTML) 5 Page - International Rectifier

  CPV363MM Datasheet HTML 1Page - International Rectifier CPV363MM Datasheet HTML 2Page - International Rectifier CPV363MM Datasheet HTML 3Page - International Rectifier CPV363MM Datasheet HTML 4Page - International Rectifier CPV363MM Datasheet HTML 5Page - International Rectifier CPV363MM Datasheet HTML 6Page - International Rectifier CPV363MM Datasheet HTML 7Page - International Rectifier CPV363MM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C-421
CPV363MM
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Case Temperature
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
1.01
0
10
20
30
40
50
60
G
R , Gate Resistance (
Ω)
A
V
= 480V
V
= 15V
T
= 25°C
I
= 7.0A
CC
GE
C
C
0.1
1
10
-60
-40
-20
0
20
40
60
80
100 120 140 160
C
T , Case Temperature (°C)
A
R
= 23
Ω
V
= 15V
V
= 480V
G
GE
CC
I
= 14A
I
= 7.0A
I
= 3.5A
C
C
C
0
200
400
600
800
1000
1200
1400
1
10
100
CE
V
, Collector-to-Emitter Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GE
ies
ge
gc
ce
res
gc
oes
ce
gc
Cies
Cres
Coes
0
4
8
12
16
20
0
10
20
30
40
g
Q , Total Gate Charge (nC)
A
V
= 400V
I
= 16A
CE
C
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com