Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPV363MM Datasheet(PDF) 2 Page - International Rectifier

Part # CPV363MM
Description  IGBT SIP MODULE Short Circuit Rated Fast IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CPV363MM Datasheet(HTML) 2 Page - International Rectifier

  CPV363MM Datasheet HTML 1Page - International Rectifier CPV363MM Datasheet HTML 2Page - International Rectifier CPV363MM Datasheet HTML 3Page - International Rectifier CPV363MM Datasheet HTML 4Page - International Rectifier CPV363MM Datasheet HTML 5Page - International Rectifier CPV363MM Datasheet HTML 6Page - International Rectifier CPV363MM Datasheet HTML 7Page - International Rectifier CPV363MM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
C-418
CPV363MM
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
—
0.68
—
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.6
2.4
IC = 7.0A
VGE = 15V
—
2.0
—
V
IC = 13A
See Fig. 2, 5
—
1.7
—
IC = 7.0A, T J = 150°C
VGE(th)
Gate Threshold Voltage
3.0
—
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage
—
-13
—
mV/°C
VCE = VGE, IC = 250µA
gfe
Forward Transconductance
3.2
6.3
—
S
VCE = 100V, IC = 14A
ICES
Zero Gate Voltage Collector Current
—
—
250
µA
VGE = 0V, VCE = 600V
—
—
2500
VGE = 0V, VCE = 600V, T J = 150°C
VFM
Diode Forward Voltage Drop
—
1.4
1.7
V
IC = 12A
See Fig. 13
—
1.3
1.6
IC = 12A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
—
—
±500
nA
VGE = ±20V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Repetitive rating; V GE=20V, pulse width limited
by max. junction temperature. ( See fig. 20)
Notes:
Pulse width 5.0µs,
single shot.
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 23Ω, ( See fig. 19 )
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
—
32
49
IC = 14A
Qge
Gate - Emitter Charge (turn-on)
—
6.7
10
nC
VCC = 400V
Qgc
Gate - Collector Charge (turn-on)
—
13
21
See Fig. 8
td(on)
Turn-On Delay Time
—
64
—
TJ = 25°C
tr
Rise Time
—
29
—
ns
IC = 7.0A, V CC = 480V
td(off)
Turn-Off Delay Time
—
340
500
VGE = 15V, RG = 23Ω
tf
Fall Time
—
240
350
Energy losses include "tail" and
Eon
Turn-On Switching Loss
—
0.28
—
diode reverse recovery.
Eoff
Turn-Off Switching Loss
—
0.70
—
mJ
See Fig. 9, 10, 11, 18
Ets
Total Switching Loss
—
0.98
1.5
tsc
Short Circuit Withstand Time
10
—
—
µs
VCC = 360V, T J = 125°C
VGE = 15V, RG = 23Ω, VCPK < 500V
td(on)
Turn-On Delay Time
—
62
—
TJ = 150°C,
See Fig. 9, 10, 11, 18
tr
Rise Time
—
28
—
ns
IC = 7.0A, V CC = 480V
td(off)
Turn-Off Delay Time
—
620
—
VGE = 15V, RG = 23Ω
tf
Fall Time
—
420
—
Energy losses include "tail" and
Ets
Total Switching Loss
—
1.8
—
mJ
diode reverse recovery.
Cies
Input Capacitance
—
750
—
VGE = 0V
Coes
Output Capacitance
—
100
—
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
—
9.3
—
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
—
42
60
ns
TJ = 25°C
See Fig.
—
80
120
TJ = 125°C
14
IF = 12A
Irr
Diode Peak Reverse Recovery Current
—
3.5
6.0
A
TJ = 25°C
See Fig.
—
5.6
10
TJ = 125°C
15
V R = 200V
Qrr
Diode Reverse Recovery Charge
—
80
180
nC
TJ = 25°C
See Fig.
—
220
600
TJ = 125°C
16
di/dt = 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
—
180
—
A/µs
TJ = 25°C
See Fig.
During tb
—
120
—
TJ = 125°C
17
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com