Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4429 Datasheet(PDF) 4 Page - Calogic, LLC

Part # AS4429
Description  High Speed MOSFET Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

AS4429 Datasheet(HTML) 4 Page - Calogic, LLC

  AS4429 Datasheet HTML 1Page - Calogic, LLC AS4429 Datasheet HTML 2Page - Calogic, LLC AS4429 Datasheet HTML 3Page - Calogic, LLC AS4429 Datasheet HTML 4Page - Calogic, LLC AS4429 Datasheet HTML 5Page - Calogic, LLC AS4429 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
AS4420 / AS4429
TYPICAL CHARACTERISTICS CURVES
120
100
80
60
40
20
100
80
40
30
20
10
50
40
60
20
10 _________________________________
1000
10,000
0
0 _________________________________
-60
-20
20
60
100
140
5
7
9
11
13
15
CL = 2200pF
VDD = 18V
V DD = 12V
V DD = 1 8V
RISE AND FALL TIMES
vs TEMPERATURE
RISE TIME vs
SUPPLY VOLTAGE
FALL TIME vs
CAPACITIVE LOAD
V DD = 5V
CAPACITVE LOAD (pF)
tFAL
V DD (V )
TA(˚C)
tRISE
C L = 10,000 pF
C L = 4700 pF
C L = 2200 pF
1L-14
1L-16
1L-18
100
100
80
60
40
20
40
80
60
20
65
60
55
50
45
40
35
4
10 _________________________________
1000
10,000
0
5
7
9
11
13
15
PROPAGATION DELAY TIME
vs SUPPLY VOLTAGE
V DD = 12V
V DD= 18V
6
8
10
12
14
16
18
V DD = 5V
RISE TIME vs
CAPACITIVE LOAD
FALL TIME vs
SUPPLY VOLTAGE
CAPACITVE LOAD (pF)
SUPPLY VOLTAGE (V)
tD2
tD1
V DD (V )
C L = 10,000 pF
C L = 4700 pF
C L = 2200 pF
1A-16
1L-17
1L-15



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com