Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4429 Datasheet(PDF) 1 Page - Calogic, LLC

Part # AS4429
Description  High Speed MOSFET Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

AS4429 Datasheet(HTML) 1 Page - Calogic, LLC

  AS4429 Datasheet HTML 1Page - Calogic, LLC AS4429 Datasheet HTML 2Page - Calogic, LLC AS4429 Datasheet HTML 3Page - Calogic, LLC AS4429 Datasheet HTML 4Page - Calogic, LLC AS4429 Datasheet HTML 5Page - Calogic, LLC AS4429 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
AS4420 / AS4429
FEATURES
• Latch Up Protected . . . . . . . . . . . . . . . . . . . . . . . . . >1.5A
• Logic Input Swing . . . . . . . . . . . . . . . . . . . . . Negative 5V
•ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
• Matched Rise and Fall Times . . . . . . . . . . . . . . . . . . 20ns
APPLICATIONS
• Motor Controls
• Switch-Mode Power Supplies
• Pulse Transformer Driver
• Class D Switching Amplifiers
DESCRIPTION
The AS4420 and AS4429 family operate over 4.5V to 18V,
can withstand high current peaking of 6A and have matched
rise and fall times under 25ns. The product has been
designed utilizing Calogic’s rugged CMOS process with
protection for latch up and ESD. The product is available in
inverting (AS4429) and noninverting (AS4420) configurations.
ORDERING INFORMATION
Part#
Logic
Package Temperature Range
AS4420P Noninverting
8-Pin PDIP -40oC to +85o C
AS4420S Noninverting
8-Pin SOIC -40oC to +85oC
AS4429P Inverting
8-Pin PDIP -40oC to +85oC
AS4429S Inverting
8-Pin SOIC -40oC to +85oC
High Speed
MOSFET Drivers
LLC
FUNCTIONAL DIAGRAM AND PIN CONFIGURATIONS
INPUT
GND
VDD 1
INPUT 2
NC 3
GND 4
EFFECTIVE
INPUT
C = 38pF
1L-13
4.7V
DIP
8 V DD
7 OU T P U T
6 OU T P U T
GND
5
500ì
1A-07
300mV
AS4420 / AS4429
VD D
INPUT
NC
GND
1
2
3
4
SOIC
8
7
6
5
VD D
OUTPUT
OUTPUT
GND
1A-08
V DD
OUTPUT


Similar Part No. - AS4429

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS4429 ALPHA-AS4429 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4429CP ALPHA-AS4429CP Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4429CS ALPHA-AS4429CS Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4429CU ALPHA-AS4429CU Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
AS4429IP ALPHA-AS4429IP Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
More results

Similar Description - AS4429

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
2A High-Speed MOSFET Drivers
2003
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
9A High-Speed MOSFET Drivers
2004
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
2A High-Speed MOSFET Drivers
03/25/03
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com