Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM6321 Datasheet(PDF) 5 Page - Calogic, LLC

Part # CLM6321
Description  High Speed Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM6321 Datasheet(HTML) 5 Page - Calogic, LLC

  CLM6321 Datasheet HTML 1Page - Calogic, LLC CLM6321 Datasheet HTML 2Page - Calogic, LLC CLM6321 Datasheet HTML 3Page - Calogic, LLC CLM6321 Datasheet HTML 4Page - Calogic, LLC CLM6321 Datasheet HTML 5Page - Calogic, LLC CLM6321 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CLM6121 / CLM6321
LLC
Slew Rate
vs Temperature
1250
1000
750
500
250
0
-25
25
75
125
JUNCTION TEMPERATURE (˚C)
= ±10V
IN
V
L = 50Ω
R
= ±5V
IN
V
S
V = ±15V
L = 1k
R
Output Resistance
vs Supply Voltage
50
40
30
20
10
0
±5
SUPPLY VOLTAGE (±V)
±10
±15
±20
0
TJ = -55˚C
TJ = +25˚C
TJ = +125˚C
= 0
OUT DC
I
= 1mA
OUT AC
I
Slew Rate
vs Capacitive Load
1250
1000
750
500
250
0
10
40
100
400
CAPACITIVE LOAD (pF)
1000 2000
= ±10V
IN
V
TJ = 25˚C
V = ±15V
S
L = 50Ω
R
= ±5V
IN
V
SR =
200mA
L = 1k
R
L
C
Output Impedance
vs Frequency
1000
100
10
1
1M
FREQUENCY (Hz)
10M
100M
100k
S
= 100
µA
OUT AC
I
V = ±15V
TJ = 25˚C
R
= 50
Ω
S
R
= 100k
S
Input Current
vs Supply Voltage
+50
+30
+10
-10
-30
-50
±5
SUPPLY VOLTAGE (V)
±10
±15
±20
0
+40
+20
0
-20
-40
TJ = +25˚C
TJ = +125˚C
= 0V
IN
V
TJ = -55˚C
Supply Current
vs Supply Voltage
20
16
12
8
4
0
±5
SUPPLY VOLTAGE (V)
±10
±15
±20
0
18
14
10
6
2
TJ = -55˚C
TJ = +25˚C
TJ = +125˚C
= 0mA
OUT
I
PSSR
vs Frequency
+80
+70
+60
+50
+40
+30
+20
+10
0
100k
1M
10M
100M
FREQUENCY (Hz)
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
R
RIPPLE
V
S
V = ±15V
S = RL = 50Ω
= 100mV
TJ = 25˚C
Slew Rate
vs Supply Voltage
1250
1000
750
500
250
0
±5
SUPPLY VOLTAGE (±V)
±10
±15
±20
0
TJ = 25˚C
L = 50Ω
R
L = 1k
R
Rise Time
vs Temperature
10
8
6
4
2
0
-25
25
75
125
TEMPERATURE (˚C)
175
L = 1k
R
S
V = ±5V
S
V = ±15V
S
V = ±5V
S
V = ±15V
L = 50Ω
R
f = 1MHz
= 100mV
OUT
V
pp
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT,CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS034 REV B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com