Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM6321 Datasheet(PDF) 6 Page - Calogic, LLC

Part # CLM6321
Description  High Speed Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM6321 Datasheet(HTML) 6 Page - Calogic, LLC

  CLM6321 Datasheet HTML 1Page - Calogic, LLC CLM6321 Datasheet HTML 2Page - Calogic, LLC CLM6321 Datasheet HTML 3Page - Calogic, LLC CLM6321 Datasheet HTML 4Page - Calogic, LLC CLM6321 Datasheet HTML 5Page - Calogic, LLC CLM6321 Datasheet HTML 6Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CLM6121 / CLM6321
LLC
Voltage Gain vs Frequency
50
Ω Resistive Load -
Different Capacitive Loads
25
20
15
10
5
0
-5
-10
-15
-20
-25
1
4
10
40
100
200
FREQUENCY (MHz)
S
VO < 100mV
TJ = 25˚C
L = 50Ω
R
V = ±15V
CL = 1000pF
CL = 500pF
CL = 100pF
CL = 0.01µF
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
100k
1M
10M
100M
FREQUENCY (Hz)
Phase Shift vs Frequency
Different Source Resisters
S
VO < 100mV
TJ = 25˚C
V = ±15V
R = 50
Ω
L
R
= 50
Ω
S
R
= 10k
S
R= 1k
S
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
1
4
10
40
100
200
FREQUENCY (MHz)
Phase Shift vs Frequency
Different Resistive Loads
S
VO < 100mV
TJ = 25˚C
V = ±15V
R
= 50
Ω
S
L = ∞
R
= 10
Ω
RL
RL = 50Ω
Small Signal Bandwidth
vs Supply Voltage
200
150
100
50
0
±5
SUPPLY VOLTAGE (±V)
±10
±15
±20
0
TJ = -55˚C
TJ = +25˚C
TJ = +125˚C
R
= 50
Ω
S
= 50
Ω
RL
= 100mV
IN
V
Input Resistance
vs Temperature
100
40
20
10
4.0
2.0
1.0
0.4
0.2
-25
25
75
125
JUNCTION TEMPERATURE (˚C)
0.1
175
V = ±15V
S
= ±12V
IN
V
= 100
Ω
RL
Voltage Gain vs Frequency
No Resistive Load -
Different Capacitive Loads
25
20
15
10
5
0
-5
-10
-15
-20
-25
1
4
10
40
100
200
FREQUENCY (MHz)
CL = 1000pF
CL = 500pF
CL = 0.01µF
S
VO < 100mV
TJ = 25˚C
L = 10MΩ
R
V = ±15V
CL = 100pF
Voltage Gain vs Frequency
Different Resistive Loads -
Fixed Capacitive Load
25
20
15
10
5
0
-5
-10
-15
-20
-25
1
4
10
40
100
200
FREQUENCY (MHz)
R = 100
Ω
L
= 10
Ω
RL
R> 1k
L
RL = 50Ω
V = ±15V
S
VO = 100mV
TJ = 25˚C
CL < 10pF
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS034 REV B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com