Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8158K Datasheet(PDF) 1 Page - NEC

Part # UPC8158K
Description  RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 1 Page - NEC

  UPC8158K Datasheet HTML 1Page - NEC UPC8158K Datasheet HTML 2Page - NEC UPC8158K Datasheet HTML 3Page - NEC UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC UPC8158K Datasheet HTML 6Page - NEC UPC8158K Datasheet HTML 7Page - NEC UPC8158K Datasheet HTML 8Page - NEC UPC8158K Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC8158K
RF UP-CONVERTER WITH AGC FUNCTION + IF QUADRATURE MODULATOR IC
FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
1998
©
Document No. P13831EJ1V1DS00 (1st edition)
Date Published January 1999 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
DESCRIPTION
The
µPC8158K is a silicon microwave monolithic integrated circuit designed as quadrature modulator for digital
mobile communication systems. This MMIC consists of 0.8 GHz to 1.5 GHz up-converter and 100 MHz to 300 MHz
quadrature modulator which are equipped with AGC and power save functions.
This configuration suits to IF
modulation system. The package is 28-pin QFN suitable for high density mounting. The chip is manufactured using
NEC’s.
20 GHz fT silicon bipolar process NESAT
TM
III to realize low power consumption.
Consequently the
µPC8158K can contribute to make RF blocks smaller size, higher performance and lower power consumption.
FEATURES
•
Supply voltage: VCC = 2.7 to 4.0 V, ICC = 28 mA @ VCC = 3.0 V
•
Built-in LPF suppresses spurious multipled by TX local (LO1)
•
AGC amplifier is installed in local port of up converter: GCR = 35 dB MIN. @ fout = 1.5 GHz
•
Excellent performance: Padj = –65 dBc TYP. @
∆f = ±50 kHz, EVM = 1.2 % rms TYP.
•
External IF filter can be applied between modulator output and up converter input terminal.
APPLICATIONS
•
Digital cellular phones (PDC800M, PDC1.5G and so on)
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPC8158K-E1
28-pin plastic QFN
(5.1
× 5.5 × 0.95 mm)
Embossed tape 12 mm wide.
Pin 1 is in pull-out direction.
QTY 2.5 kp/Reel.
Remark To order evaluation samples, please contact your local NEC sales office. (Part number for sample order:
µPC8158K)
Caution
Electro-static sensitive device


Similar Part No. - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
223Kb / 20P
Single Chip Transceiver Silicon MMIC for PHS
UPC8158K NEC-UPC8158K Datasheet
66Kb / 5P
AGC/UP-CONVERTER WITH IQ MODULATOR
More results

Similar Description - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
fujitsu semiconductor
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
Intersil Corporation
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
AGC/UP-CONVERTER WITH IQ MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com