Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8158K Datasheet (PDF) - NEC

UPC8158K Datasheet PDF - NEC
Part # UPC8158K
Download  UPC8158K Download
File Size   223.47 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Single Chip Transceiver Silicon MMIC for PHS

UPC8158K Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8158K Datasheet PDF - NEC

Part # UPC8158K
Download  UPC8158K Click to download

File Size   223.47 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Single Chip Transceiver Silicon MMIC for PHS

UPC8158K Datasheet (HTML) - NEC


UPC8158K Product details

DESCRIPTION
The µPC8139GR-7JH is a silicon microwave monolithic IC (SiMMIC) developed as a transceiver for Personal Handyphone System (PHS).
This IC is a highly integrated single chip, suitable for PHS, including a quadrature modulator, up converter, and AGC circuit for adjusting the output level in the transmitter block, a 2nd down converter and RSSI circuit in the receiver block, and a transistor for 2nd VCO.
This low power IC employs NEC’s proprietary bipolar process NESATTM IV (fT = 20 GHz) and also has a built-in power save function, which contributes to lowering power consumption of the RF block.
This IC is packaged in a small, thin 30 pin plastic TSSOP (225 mil).

FEATURES
• Low voltage operation, low current consumption
   VCC = 2.7 to 4.0 V, ICC = 32.5 mA at transmitter, ICC = 4.8 mA at receiver, 3.2 mA/@VCC = 3 V at 2nd VCO block
• LPF is installed to suppress leakage of transmitter’s local (L01) harmonics.
   Spurious within transmission band (LO1 × 7, 8): –55 dBc (MAX.)
• On-chip AGC circuit for adjusting the output level: GCR = 20 dB (MIN.) /@fRFout = 1906.55 MHz
• High-performance
   Output level: PRFout = –13 dBm (TYP.) /@fRFout = 1906.55 MHz, VI/Q = 500 mVP-P (Differential phase)
   Error vector magnitude: EVM = 1.0% rms (TYP.)
   Adjacent channel leak power: Padj = –68 dBc (TYP.) /@∆f = ±600 kHz
   RSSI output dynamic range: 83 dB
• CR phase shifter is adopted.

APPLICATION
• Digital cordless telephone: PHS
• PHS application equipment: PDA, PC card, etc.




Similar Part No. - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
66Kb / 5P
AGC/UP-CONVERTER WITH IQ MODULATOR
More results


Similar Description - UPC8158K

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64821FP MITSUBISHI-M64821FP Datasheet
27Kb / 1P
1 CHIP SYNTHESIZER & MODULATOR FOR PHS
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
PHS MULTI-FUNCTION GaAs MMIC
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
Power Amplifier for PHS
logo
Panasonic Semiconductor
AN6591FJM PANASONIC-AN6591FJM Datasheet
391Kb / 21P
Transmission / reception, single chip PLL IC for PHS, cordless telephone
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
logo
Infineon Technologies A...
BGT24MTR12 INFINEON-BGT24MTR12 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.2, 2014-07-15
BGT24MTR11 INFINEON-BGT24MTR11 Datasheet
1Mb / 27P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-03-25
BGT24ATR11 INFINEON-BGT24ATR11 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.0, 2013-09-10
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
logo
List of Unclassifed Man...
RDA1846S ETC2-RDA1846S Datasheet
1Mb / 16P
Single Chip Transceiver For Wlkie Talkie
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com