Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8158K Datasheet(PDF) 1 Page - NEC

Part # UPC8158K
Description  Single Chip Transceiver Silicon MMIC for PHS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 1 Page - NEC

  UPC8158K Datasheet HTML 1Page - NEC UPC8158K Datasheet HTML 2Page - NEC UPC8158K Datasheet HTML 3Page - NEC UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC UPC8158K Datasheet HTML 6Page - NEC UPC8158K Datasheet HTML 7Page - NEC UPC8158K Datasheet HTML 8Page - NEC UPC8158K Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC8139GR-7JH
Single Chip Transceiver Silicon MMIC for PHS
©
1998
Document No. P13117EJ1V0DS00 (1st edition)
Date Published December 1998 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
DESCRIPTION
The
µPC8139GR-7JH is a silicon microwave monolithic IC (SiMMIC) developed as a transceiver for Personal
Handyphone System (PHS).
This IC is a highly integrated single chip, suitable for PHS, including a quadrature modulator, up converter, and
AGC circuit for adjusting the output level in the transmitter block, a 2nd down converter and RSSI circuit in the
receiver block, and a transistor for 2nd VCO.
This low power IC employs NEC’s proprietary bipolar process NESAT
TM IV (fT = 20 GHz) and also has a built-in
power save function, which contributes to lowering power consumption of the RF block.
This IC is packaged in a small, thin 30 pin plastic TSSOP (225 mil).
FEATURES
•
Low voltage operation, low current consumption
VCC = 2.7 to 4.0 V, ICC = 32.5 mA at transmitter, ICC = 4.8 mA at receiver, 3.2 mA/@VCC = 3 V at 2nd VCO block
•
LPF is installed to suppress leakage of transmitter’s local (L01) harmonics.
Spurious within transmission band (LO1
× 7, 8): –55 dBc (MAX.)
•
On-chip AGC circuit for adjusting the output level: GCR = 20 dB (MIN.) /@fRFout = 1906.55 MHz
•
High-performance
Output level: PRFout = –13 dBm (TYP.) /@fRFout = 1906.55 MHz, VI/Q = 500 mVP-P (Differential phase)
Error vector magnitude: EVM = 1.0% rms (TYP.)
Adjacent channel leak power: Padj = –68 dBc (TYP.) /@
∆f = ±600 kHz
RSSI output dynamic range: 83 dB
•
CR phase shifter is adopted.
APPLICATION
•
Digital cordless telephone: PHS
•
PHS application equipment: PDA, PC card, etc.
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPC8139GR-7JH-E1
30-pin plastic TSSOP (225 mil)
Embossed tape 16 mm-wide. Pin 1 is in pull-out direction. 2.5
kp/reel
Remark
To order evaluation samples, contact your local NEC sales office. (Part Number for sample order:
µPC8139GR-7JH)
Caution This product is an electrostatic sensitive device.
The information in this document is subject to change without notice.


Similar Part No. - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
66Kb / 5P
AGC/UP-CONVERTER WITH IQ MODULATOR
More results

Similar Description - UPC8158K

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64821FP MITSUBISHI-M64821FP Datasheet
27Kb / 1P
1 CHIP SYNTHESIZER & MODULATOR FOR PHS
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
PHS MULTI-FUNCTION GaAs MMIC
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
Power Amplifier for PHS
logo
Panasonic Semiconductor
AN6591FJM PANASONIC-AN6591FJM Datasheet
391Kb / 21P
Transmission / reception, single chip PLL IC for PHS, cordless telephone
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
logo
Infineon Technologies A...
BGT24MTR12 INFINEON-BGT24MTR12 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.2, 2014-07-15
BGT24MTR11 INFINEON-BGT24MTR11 Datasheet
1Mb / 27P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-03-25
BGT24ATR11 INFINEON-BGT24ATR11 Datasheet
1Mb / 28P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.0, 2013-09-10
BGT24ATR12 INFINEON-BGT24ATR12 Datasheet
1Mb / 29P
Silicon Germanium 24 GHz Transceiver MMIC
Revision 3.1, 2014-07-15
logo
List of Unclassifed Man...
RDA1846S ETC2-RDA1846S Datasheet
1Mb / 16P
Single Chip Transceiver For Wlkie Talkie
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com