Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8158K Datasheet(PDF) 13 Page - NEC

Part # UPC8158K
Description  Single Chip Transceiver Silicon MMIC for PHS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 13 Page - NEC

Back Button UPC8158K Datasheet HTML 9Page - NEC UPC8158K Datasheet HTML 10Page - NEC UPC8158K Datasheet HTML 11Page - NEC UPC8158K Datasheet HTML 12Page - NEC UPC8158K Datasheet HTML 13Page - NEC UPC8158K Datasheet HTML 14Page - NEC UPC8158K Datasheet HTML 15Page - NEC UPC8158K Datasheet HTML 16Page - NEC UPC8158K Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Data Sheet
13
µµµµPC8139GR-7JH
TEST CIRCUIT 2
Transmitter Block + Common Block (Quadrature Modulator + Up Converter + AGC Circuit + 2nd VCO)
I
270
180
90
0
Ib
Q
Qb
VCC1
GND1
VCC
VCC
VCC
VCC
VCC
VCC2
VCOout
GND2
3 pF
15 pF
33 nH
3 k
Ω
1 k
Ω
1 pF
10 pF
100 pF
33 pF
10 nH
1 pF
33 pF
VCO_E
VCO_B
VCO_C
VCC3
IFout
RSSIout
Tx_Mix_out
VCC6
Tx_Mix_LOin
GND5
Tx_Mix_LOinb
VCC5
VPSTx
VPS_Rx
2nd_Mix_in
2nd_Mix_inb
2nd_Mix_out
VCC4
GND3
IFin2
IFin1
AWG
SPA
SG
1
VPS
out
in
SPA
in
100 pF
3 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com