Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1902 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF1902
Description  Power MOSFET(Vdss=20V)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1902 Datasheet(HTML) 3 Page - International Rectifier

  IRF1902 Datasheet HTML 1Page - International Rectifier IRF1902 Datasheet HTML 2Page - International Rectifier IRF1902 Datasheet HTML 3Page - International Rectifier IRF1902 Datasheet HTML 4Page - International Rectifier IRF1902 Datasheet HTML 5Page - International Rectifier IRF1902 Datasheet HTML 6Page - International Rectifier IRF1902 Datasheet HTML 7Page - International Rectifier IRF1902 Datasheet HTML 8Page - International Rectifier IRF1902 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF1902
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.25V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
7.0V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM 2.25V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.25V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
7.0V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM 2.25V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VGS, Gate-to-Source Voltage (V)
1.00
10.00
100.00
TJ = 25°C
TJ = 175°C
VDS = 15V
20µs PULSE WIDTH
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature
( C)
J
°


V
=
I
=
GS
D
4.5V
4.2A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com