Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1902 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1902
Description  Power MOSFET(Vdss=20V)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1902 Datasheet(HTML) 1 Page - International Rectifier

  IRF1902 Datasheet HTML 1Page - International Rectifier IRF1902 Datasheet HTML 2Page - International Rectifier IRF1902 Datasheet HTML 3Page - International Rectifier IRF1902 Datasheet HTML 4Page - International Rectifier IRF1902 Datasheet HTML 5Page - International Rectifier IRF1902 Datasheet HTML 6Page - International Rectifier IRF1902 Datasheet HTML 7Page - International Rectifier IRF1902 Datasheet HTML 8Page - International Rectifier IRF1902 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
4.2
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
3.4
A
IDM
Pulsed Drain Current

17
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
0.02
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
11/15/01
Absolute Maximum Ratings
W
www.irf.com
1
IRF1902
HEXFET® Power MOSFET
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
20V
85@VGS = 4.5V
4.0A
170@VGS = 2.7V
3.2A
SO-8
T op V iew
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
These N-Channel HEXFETpower MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the extremely low on-resistance
per silicon area. This benefit provides the designer
with an extremely efficient device for use in battery
and load management applications..
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infrared, or wave soldering techniques.
Description
l Ultra Low On-Resistance
l N-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
ƒ
–––
50
°C/W
Thermal Resistance
PD - 94282A


Similar Part No. - IRF1902

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1902PBF IRF-IRF1902PBF Datasheet
134Kb / 9P
HEXFET Power MOSFET
IRF1902TRPBF IRF-IRF1902TRPBF Datasheet
139Kb / 9P
Ultra Low On-Resistance
logo
BYCHIP ELECTRONICS CO.,...
IRF1902TRPBF BYCHIP-IRF1902TRPBF Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
v1.0
More results

Similar Description - IRF1902

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5806 IRF-IRF5806 Datasheet
218Kb / 8P
Power MOSFET(Vdss=-20V)
IRF5810 IRF-IRF5810 Datasheet
208Kb / 9P
Power MOSFET(Vdss=-20V)
IRF5852 IRF-IRF5852 Datasheet
239Kb / 9P
Power MOSFET(Vdss=20V)
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
DirectFET??Power MOSFET(Vdss=20V)
IRF7507 IRF-IRF7507 Datasheet
216Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7700 IRF-IRF7700 Datasheet
155Kb / 9P
Power MOSFET(Vdss=-20V)
IRF7707 IRF-IRF7707 Datasheet
154Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
Power MOSFET(Vdss=20V)
IRF7106 IRF-IRF7106 Datasheet
158Kb / 7P
Power MOSFET(Vdss=-20V)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com