Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8158K Datasheet(PDF) 1 Page - NEC

Part # UPC8158K
Description  UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 1 Page - NEC

  UPC8158K Datasheet HTML 1Page - NEC UPC8158K Datasheet HTML 2Page - NEC UPC8158K Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
SI RFIC QUADRATURE MODULATOR
WITH UPCONVERTER AND AGC
•
WIDE OPERATING FREQUENCY RANGE:
fRFOUT = 800 MHz to 1900 MHz
fMODOUT = 100 MHz to 400 MHz, fI/Q = DC to 10 MHz
•
PORTS FOR EXTERNAL IF FILTER
•
LOW PHASE DIFFERENCE DUE TO DIGITAL PHASE
SHIFTER
•
WIDE SUPPLY VOLTAGE: VCC = 2.7 to 5.5 V
•
POWER SAVE FUNCTION
•
20 PIN SSOP
DESCRIPTION
The UPC8129GR is a silicon RFIC designed as a quadrature
modulator for digital mobile communication systems. This IC
consists of a 0.8 GHz to 1.9 GHz up-converter and a 100 MHz
to 400 MHz quadrature modulator which have been packaged
in a 20 pin SSOP. The device has a power save function and
operates with a 2.7 to 5.5 V supply voltage for low power
consumption.
UPC8129GR
California Eastern Laboratories
FUCTIONAL BLOCK DIAGRAM
PART NUMBER
UPC8129GR
PACKAGE OUTLINE
S20 (SSOP 20)
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Total Circuit Current (no signal) VPS
≥ 0.5 V
mA
20
28
37
VAGC = 3 V, VPS
≤ 0.5 V
µA
0.6
10
VAGC = 0 V, VPS
≤ 0.5 V
µA60
PRFOUT
Total Output Power1,2 RFOUT = 900 MHz
dBm
-8
-5
-2
RFOUT = 1900 MHz
dBm
-12
ICC
Circuit Current-Upconverter (no signal) VPS
≥ 0.5 V
mA
14
VPS
≤ 0.5 V
µA
5.0
CG
Conversion Gain1
fRF = 900 MHz, fLO = 1150 MHz
dB
12
PUPCON-IN = -20 dBm fRF = 1900 MHz, fLO = 1650 MHz
dB
5
GCR
AGC Gain Control Range VAGC = 2.5 V - 0 V
dB
28
40
PRF (SAT)
Maximum Output Power, Upconverter
fRF = 900 MHz
dBm
-1.5
PUPCON-IN = -4 dBm
fRF = 1900 MHz
dBm
-7
OIP3
Output 3rd Order Intercept Point
fRF = 900 MHz
dBm
+6
fUPCON-IN = 250.0 MHz (250.2 MHz)
fRF = 1900 MHz
dBm
-1
ICC
Circuit Current-Modulator (no signal) VPS
≥ 0.5 V
mA
14
VPS
≤ 0.5 V
µA
5.0
PMOD
Output Power-Modulator2
dBm
-16.5
LOL
LO Carrier Leakage2
dBc
-40
-26.5
IMR
Image Rejection2
dBc
-30
-26.5
IM3I/Q
I/Q 3rd Order Intermodulation Distortion2
dBc
-50
ZI/Q
I/Q Input Impedance
k
Ω
200
II/Q
I/Q Bias Current
µA5
TPS (RISE)
Power Save Rise Time VPS (Low)
VPS (High)
µS
2.0
5.0
TPS (FALL)
Power Save Fall Time VPS (High)
VPS (Low)
µS
2.0
5.0
Output Noise Floor at
∆ f = ± 20 MHz
dBc/Hz
-133
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = VPS = VAGC = 3.0 V, RPS = 1 kΩ, RAGC = 10 kΩ )
Notes:
1. PLO1 = PLO2 = -10 dBm
2. VI/Q = VI/Q = 1.5 V (DC) + 0.5 VP-P (AC), fI/QIN = 67.7 kHz
φ
I
I
LO2
LO1
RF
Filter
φ
0
°
90
°
Q
Q


Similar Part No. - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8158K NEC-UPC8158K Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
223Kb / 20P
Single Chip Transceiver Silicon MMIC for PHS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
66Kb / 5P
AGC/UP-CONVERTER WITH IQ MODULATOR
More results

Similar Description - UPC8158K

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
fujitsu semiconductor
MB54609 FUJITSU-MB54609 Datasheet
185Kb / 23P
Quadrature Modulator IC (With 1.0 GHz Up-converter)
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
AGC/UP-CONVERTER WITH IQ MODULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com