Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # DB3
Description  2A Axial Leaded Silicon Bilateral Voltage Triggered
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

DB3 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  DB3 Datasheet HTML 1Page - SUNMATE electronic Co., LTD DB3 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2A Axial Leaded Silicon Bilateral Voltage Triggered
1 of 2
Features
·
Mechanical Data
@ TA = 25
°C unless otherwise specified
·
Maximum Ratings and Electrical Characteristics
Three way layer two terminal, axial lead ,
hermetically sealed diacs are designed specifically for
riggering thyrisitors .The demonstrate low breakover current.
The breakover symmetry is within three volts(DB3,DB4)
or four volts(DB6).These diacs are intended for
use in thyrisitors phase control.,circuits for lamp
dimming universal motor speed control and heat
control
Power Dissipation on Printed
Cir cuit(L=10mm)
TA=50℃
Repetitive Peak on-state
Tp=10uS
Current
f=100HZ
Storage and Operating Juntion Temperature
℃
A
mW
150
2.0
-44 to+125/-40 to+110
PARAMETERS
DB3
DB4
VALUE
DB6
UNITS
SYMBOL
Pc
ITRM
TSTG/TJ
DB3
DB4
DB6
Min
28
35
56
Typ
32
40
60
Max
36
45
70
Output Voltage*
Min
V
Breakover Current*
Max
uA
Rise Time*
Typ
uS
NOTE:* Electrical characteristics applicable in both forward and reverse directions.
** Connected in parallel with the devices.
uA
IB=0.5 VBO MAX
See FIG 3
See FIG 3
Leakage Current*
V
Min
Dynamic Breakover Voltage
See FIG 1
5
1 △V1
Breakover Voltage*
C=22nf**
See Diagram 1
V
Breakover Voltage Symmetry
See Diagram 1
C=22nf**
V
VBO
1+VBOI-
1-VBOI
UNITS
PAPRAMETERS
TEST CONDITIONS
VALUE
SYMBOLS
See FIG 2
VO
3
△I=(IBO to IF=10mA)
Max
10
1.5
Max
IB
tr
5
100
C=22nf**
IBO
DB3/DB4/DB6
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Case: DO-35


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
SIDAC TECCOR-SIDAC Datasheet
269Kb / 6P
silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
silicon bilateral voltage triggered switch
logo
SUNMATE electronic Co.,...
ESJA04-02A SUNMATE-ESJA04-02A Datasheet
324Kb / 2P
1mA Axial Leaded High Voltage Silicon Diode
ESJA54-08A SUNMATE-ESJA54-08A Datasheet
116Kb / 2P
5mA Axial Leaded High Voltage Silicon Diode
logo
Jinan Jing Heng Electro...
SIDAC JINGHENG-SIDAC Datasheet
98Kb / 5P
Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
Bilateral Voltage triggered Switch
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
Silicon Bilateral Voltage Triggered Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com