Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z2V2 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MM3Z2V2
Description  200mW Surface Mount Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MM3Z2V2 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MM3Z2V2 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MM3Z2V2 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 50 to + 175
200
mW
200mW Surface Mount Zener Diodes
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
·
·
1of2
·
·
Total power dissipation : max. 200 mW
Small plastic package suitable for
surface mounted design
Tolerance approximately ± 5%
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
O
C
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
K/W
Forward Voltage
at IF = 10 mA
VF
0.9
V
MM3Z2V0~MM3Z75
K
L
M
J
C
H
BA
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
Case: SOD-323, Molded Plastic


Similar Part No. - MM3Z2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3Z2V2 SEMTECH_ELEC-MM3Z2V2 Datasheet
254Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z2V2 HTSEMI-MM3Z2V2 Datasheet
632Kb / 4P
Silicon Planar Zener Diodes
logo
Nanjing International G...
MM3Z2V2 DGNJDZ-MM3Z2V2 Datasheet
109Kb / 4P
Silicon Planar Zener Diodes
logo
Bruckewell Technology L...
MM3Z2V2 BWTECH-MM3Z2V2 Datasheet
445Kb / 5P
Small plastic package suitable for surface mounted
logo
EIC discrete Semiconduc...
MM3Z2V2 EIC-MM3Z2V2 Datasheet
140Kb / 2P
ZENER DIODES
More results

Similar Description - MM3Z2V2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
200mW,Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
MM3ZXXXCW SECOS-MM3ZXXXCW Datasheet
595Kb / 4P
200mW, SOD-323L Surface Mount Zener Diodes
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
200mW , SOD-523 Surface Mount Zener Diodes
MTSZ52XXBWS SECOS-MTSZ52XXBWS Datasheet
256Kb / 4P
200mW , SOD-323L Surface Mount Zener Diodes
MTSZ52XXCWS SECOS-MTSZ52XXCWS Datasheet
559Kb / 4P
200mW, SOD-323L Surface Mount Zener Diodes
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4 Datasheet
287Kb / 2P
200mW Surface Mount Zener Diodes
logo
Leshan Radio Company
LSTZ5.6NLT1G LRC-LSTZ5.6NLT1G Datasheet
305Kb / 3P
200mW SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com