Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MMS
Description  500mW Surface Mount Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MMS Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MMS Datasheet HTML 1Page - SUNMATE electronic Co., LTD MMS Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Z5230
D5
4.7
2
19
1900
5.0
2.0
±0.030
Electrical Characteristics @ 25oC Unless Otherwise Specified
NORMAL
ZENER
VOLTAGE
Vz@ Izt
TEST
CURRENT Izt
MAXIMUM ZENER
IMPEDANCE
Zzt @ Izt Zzk @ Izk=0.25mA
MAXIMUM REVERSE
LEAKAGE CURRENT
Ir @ Vr
MAXIMUM ZENER
VOLTAGE TEMP
MCC PART
NUMBER
Marking
VOLTS
mA
OHMS
OHMS
uA
VOLTS
%/
oC
MMSZ5221
C1
2.4
20
30
1200
100
1.0
-0.085
MMSZ5222
C2
2.5
20
30
1250
100
1.0
-0.085
MMSZ5223
C3
2.7
20
30
1300
75
1.0
-0.080
MMSZ5225
C5
3.0
20
29
1600
50
1.0
-0.075
MMSZ5226
D1
3.3
20
28
1600
25
1.0
-0.070
MMSZ5227
D2
3.6
20
24
1700
15
1.0
-0.065
MMSZ5228
D3
3.9
20
23
1900
10
1.0
-0.060
MMSZ5229
D4
4.3
20
22
2000
5.0
1.0
±0.055
MMS
MMSZ5231
E1
5.1
20
17
1600
5.0
2.0
±0.030
MMSZ5232
E2
5.6
20
11
1600
5.0
3.0
+0.038
MMSZ5234
E4
6.2
20
7.0
1000
5.0
4.0
+0.045
MMSZ5235
E5
6.8
20
5.0
750
3.0
5.0
+0.050
MMSZ5236
F1
7.5
20
6.0
500
3.0
6.0
+0.058
MMSZ5237
F2
8.2
20
8.0
500
3.0
6.5
+0.062
MMSZ5239
F4
9.1
20
10
600
3.0
7.0
+0.068
MMSZ5240
F5
10
20
17
600
3.0
8.0
+0.075
MMSZ5241
H1
11
20
22
600
2.0
8.4
+0.076
MMSZ5242
H2
12
20
30
600
1.0
9.1
+0.077
MMSZ5243
H3
13
9.5
13
600
0.5
9.9
+0.079
MMSZ5245
H5
15
8.5
16
600
0.1
11
+0.082
MMSZ5246
J1
16
7.8
17
600
0.1
12
+0.083
MMSZ5248
J3
18
7.0
21
600
0.1
14
+0.085
MMSZ5250
J5
20
6.2
25
600
0.1
15
+0.086
MMSZ5251
K1
22
5.6
29
600
0.1
17
+0.087
MMSZ5252
K2
24
5.2
33
600
0.1
18
+0.088
MMSZ5254
K4
27
4.6
41
600
0.1
21
+0.090
MMSZ5255
K5
28
4.5
44
600
0.1
21
+0.091
MMSZ5256
M1
30
4.2
49
600
0.1
23
+0.091
MMSZ5257
M2
33
3.8
58
700
0.1
25
+0.092
MMSZ5258
M3
36
3.4
70
700
0.1
27
+0.093
MMSZ5259
M4
39
3.2
80
800
0.1
30
+0.094
MMSZ5233
E3
6.0
20
7.0
1600
5.0
3.5
+0.040
G1/
G2/
G3/
G4/
G5/
MMSZ5244
H4
14
9.0
15
600
0.1
10
.5
+0.081
2of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com