Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MMS
Description  500mW Surface Mount Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MMS Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MMS Datasheet HTML 1Page - SUNMATE electronic Co., LTD MMS Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Complete Voltage Range 2.4to 39 Volts
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
Mechanical Data
·
·
·
·
MMSZ5221-MMSZ5259
500mW Surface Mount Zener Diodes
K
L
M
C
H
B
A
SOD-123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15
α
0
8°
All Dimensions in mm
Planar Die construction
Ideally Suited for Automated Assembly Processes
Approx. Weight: 0.009 grams
Mounting Position: Any
Storage & Operating Temperature: -55
oC to +150oC
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at TL = 75°C
Ptot
500(1)
mW
Maximum Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
-65 to +175
°C
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance Junction to Ambient Air
R
ΘJA
–
–
340(1)
°C/W
Forward Voltage at IF = 10 mA
VF
–
–
0.9
Volts
·


Similar Part No. - MMS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MMS SENSATA-MMS Datasheet
161Kb / 3P
SINE WAVE POWER FOR RUGGED MOBILE APPLICATIONS
Rev: 07/20/19
logo
Radiall. All rights res...
MMS RADIALL-MMS Datasheet
273Kb / 5P
STRAIGHT JACK RECEPTACLE FOR PCB SMT TYPE - REEL OF 100
03-02-17B
logo
Molex Electronics Ltd.
MMS-00013-02 MOLEX-MMS-00013-02 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00013-04 MOLEX-MMS-00013-04 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
MMS-00014-02 MOLEX-MMS-00014-02 Datasheet
178Kb / 2P
PowerCat 6 Angled MOD-SNAP III Module
2023.03
More results

Similar Description - MMS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TZM5221B TAITRON-TZM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
500mW SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
500mW, SOD-123LH Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com