Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART550USB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART550USB
Description  SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART550USB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART550USB_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART550USB_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART550USB_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART550USB_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART550USB_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 120V 550VA 300W Line-Interactive UPS,
Tower, USB, Tel/DSL Protection
MODEL NUMBER: SMART550USB
Description
Tripp Lite's SMART550USB line interactive UPS system offers voltage regulation, surge suppression and long lasting battery support for personal computers,
internetworking equipment and other sensitive electronics. Internal UPS circuits support entry level PC systems for up to 30 minutes during power failures so
that connected equipment can be shutdown without data loss. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 89 volts back to
usable levels without using battery power. Offers complete desktop power protection in an attractive stealth black tower configuration. Includes 3 battery
supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system
accessories not requiring battery support. USB port enables optional unattended system shutdown without data loss in the case of extended power failure, USB
cable included. PowerAlert software available via free download from www.tripplite.com. Built-in single line RJ11 phone suppression jacks protect modem, fax
machine, cordless phone or other peripheral with a standard dialup/DSL phone connection. Built-in audible alarm and 4 front panel LEDs indicate line power
status, battery power status, battery low/replace status and overload status. 550VA/300 watt power handling ability supports entry-level PCs, network
workstations, point-of-sale equipment, small business phone systems, audio/video equipment and home theater systems. Offers 4.6 minutes battery runtime
with a full load of 550VA/300 watts and 14.8 minutes with a half load of 275VA/150 watts. Supports battery replacement via built-in access panel. $200,000
Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only).
Features
SMART550USB line interactive UPS system offers voltage regulation and battery support, plus complete AC and dialup/DSL modem line surge
suppression
Supports entry level PC systems for up to 30 minutes during power failures to enable a safe system shutdown
Supports a max load of 550VA/300 watts for 4.6 minutes and a half load of 275VA/150 watts for 14.8 minutes
Automatic Voltage Regulation (AVR) circuits correct brownouts as low as 89 volts without using battery power
Attractive stealth black tower configuration
Includes 3 battery supported outlets, plus 3 additional surge suppression-only outlets, 6 foot AC line cord (all NEMA 5-15)
USB port enables unattended shutdown without data loss during extended power failures, includes USB cable
PowerAlert software available via free download from www.tripplite.com
Built-in RJ11 phone suppression jacks protect modem, fax machine or other peripheral with a dialup or DSL line phone connection
Built-in audible alarm and 4 front panel LEDs indicate UPS system and line power status
550VA/300 watt power handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment
Highlights
550VA tower 120V line
interactive UPS
Corrects brownouts as low as
89V without using battery power
3 UPS battery supported outlets,
3 surge-only outlets
USB port, TEL/DSL/ethernet
protection
NEMA 5-15P input plug and 6
NEMA 5-15R outlets
Package Includes
SMART550USB UPS System
USB and Telephone
interconnection cables
Instruction manual with warranty
information
1 / 5


Similar Part No. - SMART550USB_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART550USBTAA TRIPPLITE-SMART550USBTAA Datasheet
495Kb / 5P
TAA-Compliant SmartPro 120V 550VA 300W Line-Interactive UPS, Tower, USB, Tel-DSL Protection
SMART550USBWD TRIPPLITE-SMART550USBWD Datasheet
527Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Watchdog Software, Tower, USB, Tel-DSL Protection
More results

Similar Description - SMART550USB_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
SmartPro .75kVA Line Interactive UPS, Tower USB 120V
SMART550USB ETC2-SMART550USB Datasheet
499Kb / 6P
Smart USB 550VA Tower Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
OMNISMART500 TRIPPLITE-OMNISMART500_15 Datasheet
499Kb / 5P
OmniSmart 120V 500VA 300W Line-Interactive UPS,Tower, USB port
POS500 TRIPPLITE-POS500_15 Datasheet
519Kb / 4P
POS Series 120V 500VA 300W Standby UPS, Tower,USB port, 6 Outlets, TEL-DSL Protection
SMART550USBTAA TRIPPLITE-SMART550USBTAA Datasheet
495Kb / 5P
TAA-Compliant SmartPro 120V 550VA 300W Line-Interactive UPS, Tower, USB, Tel-DSL Protection
SMART550USBWD TRIPPLITE-SMART550USBWD Datasheet
527Kb / 5P
SmartPro 120V 550VA 300W Line-Interactive UPS,Watchdog Software, Tower, USB, Tel-DSL Protection
SMART1000LCD TRIPPLITE-SMART1000LCD_15 Datasheet
508Kb / 5P
SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com