Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART550USB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART550USB
Description  SmartPro 120V 550VA 300W Line-Interactive UPS,Tower, USB, Tel-DSL Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART550USB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART550USB_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART550USB_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART550USB_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART550USB_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART550USB_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
550VA/300 watt power handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment
Supports battery replacement via built-in access panel
Compatible with 120V/60Hz applications for USA, Canada, Mexico and more
$200,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
550
Output Watt Capacity (Watts)
300
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(6) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
3 UPS outlets, 3 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
10A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
4.6 min. (300w)
Half Load Runtime (min.)
14.8 min. (150w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 4.2 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC51
Battery Access
Battery access door
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com