Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART700SER Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SMART700SER
Description  SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART700SER Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART700SER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SmartPro 120V 700VA 450W Line-Interactive UPS,
Tower, DB9 Serial
MODEL NUMBER: SMART700SER
Description
Tripp Lite's SMART700SER is an intelligent, line-interactive UPS with DB9 serial port. It protects servers,
networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient
surges. Large internal batteries offer 16.9 minutes half load runtime and 5.9 minutes at full load during power
failures. 700VA/450 watt power handling capability supports a variety of networking, telecom and various other application types, including the support of
multiple network workstations. Includes a total of 6 UPS supported outlets. Supports remote monitoring of UPS and site power conditions via built-in DB9
serial port. Includes PowerAlert UPS monitoring and unattended shutdown software with complete cabling. Built-in audible alarm and 5 front panel LEDs
indicate status of line power, battery power, battery low/replace, voltage regulation and load level. Wall mountable with user-supplied UPSWM wall-mount
bracket. Network-grade AC surge suppression protects equipment from damage and performance problems resulting from transient surges. Attractive,
small-footprint tower housing uses minimal floor or desktop space.
Features
700VA/450 watt power handling capability supports a variety of networking, telecom and various other application types
Built-in voltage regulation and battery support, plus complete AC modem line surge suppression prevents equipment damage, data loss and downtime
Large internal batteries offer 16.9 minutes half load runtime and 5.9 minutes at full load during power failures
Automatic Voltage Regulation (AVR) circuits with two boost and one voltage reduction level maintains usable 120V nominal output over an input voltage
range of 75-147V
Includes a total of 6 NEMA5-15R outlets
PowerAlert Software and DB9 serial communications port enable remote monitoring of UPS status and site power conditions; safe unattended shutdown
without data loss during extended power failures; messaging of UPS and line power status: on-battery, low-battery, power-restored, AC line voltage, DC
battery voltage and battery capacity
Communications ports support timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment
PowerAlert UPS monitoring and unattended shutdown software with complete cabling included
Battery replacement door
Notification of system status via 5 LEDs and multi-function audible alarms
Wall mountable with user-supplied UPSWM wallmount bracket
Cold start capability enables UPS turn-on in battery mode during blackout conditions
Highlights
700VA line interactive tower UPS
system
120V nominal output during
brownouts to 75V and
overvoltages to 147V
Front panel status LEDs with
load and battery capacity level
display
RS232 communications port;
Hot-swappable batteries
NEMA 5-15P input; 6 NEMA
5-15R outlets
Package Includes
SMART700SER UPS System
Monitoring cable
PowerAlert unattended shutdown
and UPS/Power monitoring
software
Instruction manual
1 / 4


Similar Part No. - SMART700SER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART700 ETC2-SMART700 Datasheet
509Kb / 5P
SmartPro Tower UPS System - Intelligent
SMART700DV ETC2-SMART700DV Datasheet
514Kb / 6P
SmartPro .7kVA Line Interactive UPS SNMPWEBCARD option, Tower, USB, Serial, EPO, 120/230V input, 120V output - enhanced runtime version
logo
Tripp Lite. All Rights ...
SMART700DV TRIPPLITE-SMART700DV_15 Datasheet
509Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART700HG ETC2-SMART700HG Datasheet
492Kb / 6P
SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
More results

Similar Description - SMART700SER

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNI700LCD TRIPPLITE-OMNI700LCD Datasheet
527Kb / 5P
Omni LCD 700VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
OmniSmart 700VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNISMART700 TRIPPLITE-OMNISMART700_15 Datasheet
497Kb / 5P
OmniSmart 120V 700VA 450W Line-Interactive UPS,Tower USB port, DB9 Serial
SMART700DV TRIPPLITE-SMART700DV_15 Datasheet
509Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive Sine Wave UPS, Dual Voltage, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
SMART2200NET TRIPPLITE-SMART2200NET_15 Datasheet
507Kb / 4P
SmartPro 120V 2.2kVA 1.7kW Line-Interactive UPS,Tower, 3-DB9 Serial ports
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
SMX700HG TRIPPLITE-SMX700HG_15 Datasheet
495Kb / 4P
SmartPro 230V 700VA 450W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Tower, Full Isolation, USB, DB9 Serial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com