Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART700SER Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART700SER
Description  SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART700SER Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART700SER Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART700SER Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cold start capability enables UPS turn-on in battery mode during blackout conditions
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
700
Output Watt Capacity (Watts)
450
Power Factor
0.6
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-18%, +8%
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(6) 5-15R
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
4.33A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
10A
UPS Input Cord Length (ft.)
7
UPS Input Cord Length (m)
2.1
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
5.9 min. (450w)
Half Load Runtime (min.)
16.9 min. (225w)
DC System Voltage (VDC)
12
Battery Recharge Rate (Included
Batteries)
Less than 6 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC52 (x2)
Battery Access
Battery access door
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com