Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART750SLT Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SMART750SLT
Description  SmartPro 100-110-120V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART750SLT Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SMART750SLT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART750SLT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART750SLT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART750SLT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART750SLT Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Power Module Dimensions
(hwd, cm)
26 x 17.1 x 33.7
UPS Power Module Weight (lbs.)
30
UPS Power Module Weight (kg)
13.6
UPS Shipping Dimensions (hwd / in.)
13.8 x 9.8 x 13.2
UPS Shipping Dimensions (hwd /
cm)
34.9 x 24.8 x 33.7
Shipping Weight (lbs.)
32
Shipping Weight (kg)
14.5
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
70.8
Battery Mode BTU / Hr. (Full Load)
728.6
AC Mode Efficiency Rating (100%
Load)
96%
Audible Noise
Audible Noise < 50 dBA at Front Side 1 Meter
COMMUNICATIONS
Communications Interface
USB; DB9 Serial; Slot for SNMP/Web interface
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
4-8 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
95V (120V), 87V (110V), 83V (100V)
High Voltage Transfer to Battery
Power (Setpoint)
145V (120V), 133V (110V), 121V (100V)
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com