Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART750SLT Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMART750SLT
Description  SmartPro 100-110-120V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART750SLT Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART750SLT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART750SLT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART750SLT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART750SLT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART750SLT Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SNMPWEBCARD), or the monitoring of any number of additional UPS systems over IP with included PowerAlert monitoring software.
Communications ports support messaging of UPS and line power status, including on-battery, low-battery, power restored, AC line voltage, DC battery
voltage and remaining battery capacity
Supports timed inverter shutoff after unattended shutdown, activate self-test and UPS output power control for delayed or immediate reboot of connected
equipment
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by systematically restarting applications, operating systems and
ultimately rebooting completely locked computers by momentarily switching UPS power off and back on again (requires optional WATCHDOGSW)
Status LEDs offer continuous status information of UPS operating parameters and site power quality
Hot-swappable batteries allow on-site battery replacement without powering off connected equipment
Single line TEL/DSL and network Ethernet line surge suppression
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
750
Output Watt Capacity (Watts)
500
Power Factor
0.7
Nominal Output Voltage(s)
Supported
100V; 110V; 120V
Nominal Voltage Details
120V default (voltage selection via back panel switches)
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-13%, +15%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
4 UPS outlets, 4 surge-only outlets
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com