Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16340 Datasheet(PDF) 1 Page - NEC

Part # UPD16340
Description  96-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16340 Datasheet(HTML) 1 Page - NEC

  UPD16340 Datasheet HTML 1Page - NEC UPD16340 Datasheet HTML 2Page - NEC UPD16340 Datasheet HTML 3Page - NEC UPD16340 Datasheet HTML 4Page - NEC UPD16340 Datasheet HTML 5Page - NEC UPD16340 Datasheet HTML 6Page - NEC UPD16340 Datasheet HTML 7Page - NEC UPD16340 Datasheet HTML 8Page - NEC UPD16340 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998,1999
MOS INTEGRATED CIRCUIT
µµµµ PD16340
96-BIT AC-PDP DRIVER
DATA SHEET
Document No. S13685EJ1V0DS00 (1st edition)
Date Published December 1999 NS CP (K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The
µ PD16340 is a high withstand voltage CMOS driver designed for use with a flat display panel such as a PDP,
VFD, or EL panel. It consists of a 96-bit bi-directional shift register, 96-bit latch and high withstand voltage CMOS
driver. The logic block operates with a 5-V power supply interface (CMOS level input) so that it can be directly
connected to a gate array and microcontroller. The driver block provides a high withstand voltage output: 80 V, +50/–
75 mA MAX. The logic and driver blocks are made of CMOS circuits, consuming lower power.
FEATURES
• Circuit configuration switched by the IBS pin between three 32-bit bi-directional shift registers and six 16-bit
bidirectional shift registers.
• Data control with transfer clock (external) and latch
• High-speed data transfer (fMAX. = 40 MHz MIN. at data latch)
(fMAX.
= 25 MHz MIN. at cascade connection)
• High withstand output voltage (80 V, +50/–75 mA MAX.)
• 5-V CMOS input interface
• High withstand voltage CMOS structure
ORDERING INFORMATION
Part Number
Package
µ PD16340
Module
Caution
Consult an NEC sales representative regarding the module. Since the module characteristics is
based on the module specifications, there may be differences between the contents written in this
document and real characteristics.
•


Similar Part No. - UPD16340

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16340 RENESAS-UPD16340 Datasheet
266Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16340

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16334 NEC-UPD16334 Datasheet
97Kb / 12P
96-Bit AC-PDP DRIVER
UPD16335 NEC-UPD16335 Datasheet
70Kb / 12P
96-Bit AC-PDP DRIVER
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
64-BIT AC-PDP DRIVER
UPD16341 NEC-UPD16341 Datasheet
125Kb / 9P
96-BIT AC-PDP DRIVER
UPD16347 NEC-UPD16347 Datasheet
163Kb / 26P
192-BIT AC-PDP DRIVER
UPD16342 NEC-UPD16342 Datasheet
142Kb / 15P
96-BIT AC-PDP DRIVER
logo
Integral Corp.
IND16305 INTEGRAL-IND16305 Datasheet
342Kb / 7P
40-BIT AC-PDP DRIVER
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
64-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
96-Bit AC-PDP DRIVER
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
96-Bit AC-PDP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com