Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDIP Datasheet(PDF) 1 Page - Torex Semiconductor

Part # SDIP
Description  Packaging Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SDIP Datasheet(HTML) 1 Page - Torex Semiconductor

  SDIP Datasheet HTML 1Page - Torex Semiconductor SDIP Datasheet HTML 2Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDIP
●外形寸法図 / Packaging Information
外形寸法図 Packaging Information /
参考パターン寸法 Reference Pattern Layout Dimensions
Unit : inch (mm)
●参考パターンレイアウト /
Reference pattern layout
0.202
(5.12)
0.047
(1.20)
Unit : inch (mm)


Similar Part No. - SDIP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SDIP-38L STMICROELECTRONICS-SDIP-38L Datasheet
485Kb / 21P
IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
14-Jun-2010
SDIP30 STMICROELECTRONICS-SDIP30 Datasheet
36Kb / 2P
SDIP30 Thermal Data
Sep-1999
More results

Similar Description - SDIP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PACKAGIN VISHAY-PACKAGIN Datasheet
240Kb / 9P
Packaging Information
01-Feb-13
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
PACKAGING INFORMATION
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
Packaging Information
01-Feb-13
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
Packaging Information
05-Mar-14
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
Packaging Information
18-Mar-14
logo
Torex Semiconductor
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
Packaging Information
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
Packaging Information
TO-252 TOREX-TO-252 Datasheet
121Kb / 2P
Packaging Information
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
Packaging Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com