Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDIP Datasheet(PDF) 2 Page - Torex Semiconductor

Part # SDIP
Description  Packaging Information
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SDIP Datasheet(HTML) 2 Page - Torex Semiconductor

  SDIP Datasheet HTML 1Page - Torex Semiconductor SDIP Datasheet HTML 2Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SDIP
●リール/Reel
SYMBOL
mm
A0
8.64
B0
10.41
d
1.55
D
330.0
D1
50.0
min.
D2
13.0
E
1.75
F
7.5
K0
3.81
P
12.0
P0
4.0
P1
2.0
t
0.32
W
16.0
W1
16.4
Note:
1. リーダー部: キャリアテープ / カバーテープで最小 230mm となります。その内最小 160mm は、キャリアテープがカバーテープでシーリングされています。
1. There shall be leader of 230mm minimum which may consist of carrier and or cover tape follower by a minimum of 160mm of carrier tape sealded with
cover tape.
2. トレーラー部: 最小 160mm のカバーテープでシーリングされた空ポケットとなります。
2. There shall be minimum of 160mm of empty component pockets sealded with cover tape.
テーピング仕様 / Taping Specifications
D2
W1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com