Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856440 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856440
Description  1176 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856440 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856440_15 Datasheet HTML 1Page - TriQuint Semiconductor 856440_15 Datasheet HTML 2Page - TriQuint Semiconductor 856440_15 Datasheet HTML 3Page - TriQuint Semiconductor 856440_15 Datasheet HTML 4Page - TriQuint Semiconductor 856440_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
Part Number 856440
1176 MHz SAW Filter
Matching Schematics
50
Ω
Single-ended
2,4
1
3
50
50
Ω
Ω
No impedance matching
required
Marking
PCB Footprint
Marking
code
MFG site
20 M
WWY
ID dot
Date code
0.31x45°
CHAMFER
0.76
2.00
0.62
1.50
The date code consists of: WW = 2 digit week,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
1.83
Section A-A
0.3
1.09
2.34
Ø1.5
Ø1.0
4.0
4.0
2.0
A
A
8.0
3.5
1.75
8.8
ID dot
2.0
Direction of travel
Ø330
Ø20.2
Ø13.0
Ø102
2.7
Dimensions shown are nominal in millimeters
Packaging quantity: 10000 units/reel
Subject to change or obsolescence without notice
Rev A
© 1-07 TriQuint Semiconductor, Inc.
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com