Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856440 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856440
Description  1176 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856440 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856440_15 Datasheet HTML 1Page - TriQuint Semiconductor 856440_15 Datasheet HTML 2Page - TriQuint Semiconductor 856440_15 Datasheet HTML 3Page - TriQuint Semiconductor 856440_15 Datasheet HTML 4Page - TriQuint Semiconductor 856440_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 856440
1176 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-40 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1176
-
MHz
Maximum Insertion Loss
1166 - 1186 MHz
-
2.4
3.0
dB
Amplitude Ripple
1166 - 1186 MHz
-
0.21
1
dB p-p
Absolute Attenuation
10 - 1036 MHz
1036 - 1126 MHz
1226 - 1316 MHz
1316 - 1500 MHz
1500 - 3000 MHz
35
20
20
35
30
44
33
33
40
35
-
-
-
-
-
dB
dB
dB
dB
dB
Group Delay Variation
1166 - 1186 MHz
-
10
50
ns
Input/Output Return Loss
1166 - 1186 MHz
10
14
-
dB
Input Power
-
-
10
dBm
Source Impedance: (4)
-
50
-
Load Impedance: (4)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Single-ended
Input
2,4
1
3
50
50
No impedance matching
required
Subject to change or obsolescence without notice
Rev A
© 1-07 TriQuint Semiconductor, Inc.
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com