Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856447 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856447
Description  170.6 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856447 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856447_15 Datasheet HTML 1Page - TriQuint Semiconductor 856447_15 Datasheet HTML 2Page - TriQuint Semiconductor 856447_15 Datasheet HTML 3Page - TriQuint Semiconductor 856447_15 Datasheet HTML 4Page - TriQuint Semiconductor 856447_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 856447
170.6 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
12/08
© TriQuint Semiconductor
Page 1 of 5
Features
• For GSM/EDGE applications
• Usable bandwidth 180 KHz
• Low loss
• High attenuation
• Single ended operation
• Ceramic Surface Mount Package (SMP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
•
Package
Pin Configuration
Surface Mount 13.3 x 6.50 x 1.54 mm
Bottom View
SMP-53C
6
7
8
9
10
5
4
3
2
1
Pin No.
Description
10
Input
5
Output
1,2,3,4,6,7,8,9
Case ground
1.80
6.50
1.02
1.91
13.3
2.31
R0.51
1.50 NOM.
1.65 MAX.
0.64
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating


Similar Part No. - 856447_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856440 TRIQUINT-856440_15 Datasheet
517Kb / 5P
1176 MHz SAW Filter
856441 TRIQUINT-856441 Datasheet
525Kb / 6P
881.5 MHz SAW Filter
856444 TRIQUINT-856444_15 Datasheet
388Kb / 5P
125 MHz SAW Filter
856445 TRIQUINT-856445_15 Datasheet
546Kb / 5P
208 MHz SAW Filter
More results

Similar Description - 856447_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1088A RFM-SF1088A Datasheet
162Kb / 8P
170.6 MHz SAW Filter
SF1134A RFM-SF1134A Datasheet
33Kb / 1P
170.6 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Murata Manufacturing Co...
SF1088A MURATA-SF1088A Datasheet
176Kb / 8P
170.6 MHz SAW Filter
logo
TriQuint Semiconductor
855756 TRIQUINT-855756_15 Datasheet
587Kb / 5P
170.6 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com