Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856466 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856466
Description  374 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856466 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856466_15 Datasheet HTML 1Page - TriQuint Semiconductor 856466_15 Datasheet HTML 2Page - TriQuint Semiconductor 856466_15 Datasheet HTML 3Page - TriQuint Semiconductor 856466_15 Datasheet HTML 4Page - TriQuint Semiconductor 856466_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Data Sheet
Part Number 856466
374 MHz SAW Filter
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
200
Ω
Balanced
Input
1,4,5,8
200
Ω
7pF
2
3
6
7
200Ω
33nH
33nH
27nH
27nH
7pF
200
Ω
Balanced
Output
Marking
PCB Footprint
Date code
code
Marking
3
JJJYM
ID dot
Sawtek
logo
4.01
.81
.46
1.19
.81
1.19
1.70
.41
The date code consists of: JJJ = Julian day,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
Ø1.5
2.0
0.3
8.0
4.0
4.1
4.1
1.8
1.75
5.5
12.0
Ø1.5
A
A
Section A-A
Direction of travel
Ø102
Ø13.0
Ø20.2
Ø330
2.7
12.8
2.0
logo
Sawtek
ID dot
Dimensions shown are nominal in millimeters
Packaging quantity: 4000 units/reel
Subject to change or obsolescence without notice
Rev -
22-Apr-2005
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com