Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856466 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856466
Description  374 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856466 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856466_15 Datasheet HTML 1Page - TriQuint Semiconductor 856466_15 Datasheet HTML 2Page - TriQuint Semiconductor 856466_15 Datasheet HTML 3Page - TriQuint Semiconductor 856466_15 Datasheet HTML 4Page - TriQuint Semiconductor 856466_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856466
374 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-40 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
374
-
MHz
Maximum Insertion Loss
369.0 - 379.0 MHz
-
9
10.5
dB
Lower 1 dB bandedge (4)
Upper 1 dB bandedge
-
379
366.5
381.5
369
-
MHz
MHz
3 dB Bandwidth
-
18
-
MHz
Stop Band Rejection (4)
274.0 - 331.0 MHz
331.0 - 352.0 MHz
352.0 - 357.5 MHz
357.5 - 361.5 MHz
386.5 - 390.5 MHz
390.5 - 396.0 MHz
396.0 - 417.0 MHz
417.0 - 474.0 MHz
45
35
30
10
10
30
35
40
50
45
40
20
24
40
45
50
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Amplitude Variation (5)
369.0 - 379.0 MHz
-
0.6
1.0
dB
Group Delay Ripple (5)
369.0 - 379.0 MHz
-
20
75
nsec
Source Impedance (Balanced) (6)
-
200
-
Ω
Load Impedance (Balanced) (6)
-
200
-
Ω
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
All attenuation measurements will be referenced to minimum insertion loss
5.
Total variation measured over the defined frequency range
6.
The filter can be matched for single-ended or balanced operation to an impedance of 50 Ohms to 750 Ohms
Test Circuit:
200
Ω
Balanced
Input
1,4,5,8
200
Ω
7pF
2
3
6
7
200Ω
33nH
33nH
27nH
27nH
7pF
200
Ω
Balanced
Output
Subject to change or obsolescence without notice
Rev -
22-Apr-2005
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com