Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856496 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856496
Description  208 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856496 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856496 Datasheet HTML 1Page - TriQuint Semiconductor 856496 Datasheet HTML 2Page - TriQuint Semiconductor 856496 Datasheet HTML 3Page - TriQuint Semiconductor 856496 Datasheet HTML 4Page - TriQuint Semiconductor 856496 Datasheet HTML 5Page - TriQuint Semiconductor 856496 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
856496
208 MHz SAW Filter
Data Sheet: Rev A 02/01/11
- 5 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information, Dimensions and Marking
9.10
2.54
1.00
0.80
2.54
4.80
1.50
1.24 NOM.
1.35 MAX.
ID Dot
Date Code
JJJYHH
856496
SAWTEK
Package Style: SMP-35C
Dimensions: 9.10 x 4.80 x 1.24 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of day of the current year (Julian,
3 digits), last digit of the year (1 digit) and hour (2 digits)
Tape and Reel Information
Standard T/R size = 4000 units/reel. All dimensions are in millimeters
Ø13.0
Ø20.2
Ø102
Ø330
16.8
2.7
ID dot
Direction of travel
2.0
A
A
Ø1.5
12.0
4.0
Ø1.5
2.0
9.22
7.22
2.2
Section A-A
0.3
16.0
7.5
1.75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com