Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856496 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856496
Description  208 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856496 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856496 Datasheet HTML 1Page - TriQuint Semiconductor 856496 Datasheet HTML 2Page - TriQuint Semiconductor 856496 Datasheet HTML 3Page - TriQuint Semiconductor 856496 Datasheet HTML 4Page - TriQuint Semiconductor 856496 Datasheet HTML 5Page - TriQuint Semiconductor 856496 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
856496
208 MHz SAW Filter
Data Sheet: Rev A 02/01/11
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -40 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
208
-
MHz
Insertion Loss
F0 ± 1.92 MHz
206.08 – 209.92 MHz
-
11.5
13
dB
1 dB Bandwidth
(5)
206.08 – 209.92 MHz
3.84
4.23
-
MHz
Amplitude Variation F0 ± 1.92 MHz
206.08 – 209.92 MHz
-
0.8
1.0
dB p-p
Mean Group Delay F0 ± 1.92 MHz
206.08 – 209.92 MHz
1.029
1.035
1.039
-
Phase Ripple
F0 ± 1.92 MHz
206.08 – 209.92 MHz
-
5.0
-
deg
Phase Ripple RMS
F0 ± 1.92 MHz
206.08 – 209.92 MHz
-
1.2
2.0
deg RMS
EVM
F0 ± 1.92 MHz
206.08 – 209.92 MHz
-
3.0
6.0
%
Stop band Attenuation
(5)
148 - 180 MHz
(F0 – 60 to F0 – 28 MHz)
180 - 190 MHz
(F0 – 28 to F0 – 18 MHz)
190 - 203 MHz
(F0 – 18 to F0 – 5 MHz)
203 - 204.7 MHz
(F0 – 5 to F0 – 3.3 MHz)
204.7 - 205.2 MHz
(F0 – 3.3 to F0 – 2.8 MHz)
205.2 - 205.4 MHz
(F0 – 2.8 to F0 – 2.6 MHz)
205.4 - 205.485 MHz (F0 – 2. 6 to F0 – 2.515 MHz)
210.515 - 210.6 MHz (F0 + 2.515 to F0 + 2.6 MHz)
210.6 - 210.8 MHz
(F0 + 2.6 to F0 + 2.8 MHz)
210.8 - 211.3 MHz
(F0 + 2.8 to F0 + 3.3 MHz)
211.3 - 213 MHz
(F0 + 3.3 to F0 + 5 MHz)
213 - 226 MHz
(F0 + 5 to F0 + 18 MHz)
226 - 236 MHz
(F0 + 18 to F0 + 28 MHz)
236 - 268 MHz
(F0 + 28 to F0 + 60 MHz)
55
45
40
36
28
25
17
17
23
28
33
40
45
55
70
63
45
39
31
30
26
26
26
30
35
42
56
58
-
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Source Impedance (balanced)
(6)
-
-
200
-
Load Impedance (balanced)
(6)
-
-
200
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to minimum insertion loss
6.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
-40 to +85
oC
Storage Temperature
-40 to +85
oC
Operation of this device outside the parameter ranges given above may cause permanent damage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com