Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856496-EVB Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 856496-EVB
Description  208 MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856496-EVB Datasheet(HTML) 3 Page - TriQuint Semiconductor

  856496-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856496-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
856496
208 MHz SAW Filter
Data Sheet: Rev A 02/01/11
- 3 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Reference Design
Schematic
200
Balanced
Input
1,2,3
6,7,8
200
11nH
9
5
200
18nH
11nH
10
18nH
4
18nH
18nH
200
Balanced
Output
Notes:
1.
Actual matching values may vary due to PCB layout and parasitics
PC Board
Mounting Configuration
960686
L3
L2
L4
L1
L6
L5
JJJYHH
856496
SAWTEK
9.29
1.19
1.01
1.70
5.00
3.55
1.53
1.01
1.19
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
1.
All dimensions are in millimeters.
2.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
L1
18nH
Coil Wire-wound, 0603, 5%
Coillcraft
0603CS-18NXJBC
L2
11nH
Coil Wire-wound, 0603,, 5%
Coillcraft
0603CS-11NXJBC
L3
11 nH
Coil Wire-wound, 0603,, 5%
Coillcraft
0603CS-11NXJBC
L4
18 nH
Coil Wire-wound, 0603,, 5%
Coillcraft
0603CS-18NXJBC
L5
18 nH
Coil Wire-wound, 0603,, 5%
Coillcraft
0603CS-18NXJBC
L6
18 nH
Coil Wire-wound, 0603,, 5%
Coillcraft
0603CS-18NXJBC
SMA
N/A
SMA connector
Johnson Components
142-0701-801
PCB
N/A
3-layer
multiple
960686



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com